Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 93 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 89Page - Texas Instruments TAS5548DCAR Datasheet HTML 90Page - Texas Instruments TAS5548DCAR Datasheet HTML 91Page - Texas Instruments TAS5548DCAR Datasheet HTML 92Page - Texas Instruments TAS5548DCAR Datasheet HTML 93Page - Texas Instruments TAS5548DCAR Datasheet HTML 94Page - Texas Instruments TAS5548DCAR Datasheet HTML 95Page - Texas Instruments TAS5548DCAR Datasheet HTML 96Page - Texas Instruments TAS5548DCAR Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6.2.47 192kHZ Process Flow Output Mixer (0xF4–0xF7)
Each gain coefficient is in 28-bit (5.23) format, so 0x80 0000 is a gain of 1. Each gain coefficient is written as a
32-bit word with the upper four bits not used. For eight gain coefficients, the total is 32 bytes.
Table 81. 192kHz Process Flow Output Mixer
I2C
REGISTER
DEFAULT
TOTAL
DESCRIPTION OF CONTENTS
BYTES
SUBADDRESS
Fields
STATE
0xF4
16
P1_to_opmix[1]
Path 1 processing to output mixer 1 coefficient (default = 1) u[31:28],
0080 0000
P1[27:0]
P2_to_opmix[1]
Path 2 processing to output mixer 1 coefficient (default = 0) u[31:28],
0000 0000
P2[27:0]
P3_to_opmix[1]
Path 3 processing to output mixer 1 coefficient (default = 0) u[31:28],
0000 0000
P3[27:0]
P4_to_opmix[1]
Path 4 processing to output mixer 1 coefficient (default = 0) u[31:28],
0000 0000
P4[27:0]
0xF5
16
P1_to_opmix[2]
Path 1 processing to output mixer 2 coefficient (default = 0) u[31:28],
0000 0000
P1[27:0]
P2_to_opmix[2]
Path 2 processing to output mixer 2 coefficient (default = 1) u[31:28],
0080 0000
P2[27:0]
P3_to_opmix[2]
Path 3 processing to output mixer 2 coefficient (default = 0) u[31:28],
0000 0000
P3[27:0]
P4_to_opmix[2]
Path 4 processing to output mixer 2 coefficient (default = 0) u[31:28],
0000 0000
P4[27:0]
0xF6
16
P1_to_opmix[3]
Path 1 processing to output mixer 3 coefficient (default = 0) u[31:28],
0000 0000
P1[27:0]
P2_to_opmix[3]
Path 2 processing to output mixer 3 coefficient (default = 0) u[31:28],
0000 0000
P2[27:0]
P3_to_opmix[3]
Path 3 processing to output mixer 3 coefficient (default = 1) u[31:28],
0080 0000
P3[27:0]
P4_to_opmix[3]
Path 4 processing to output mixer 3 coefficient (default = 0) u[31:28],
0000 0000
P4[27:0]
0xF7
16
P1_to_opmix[4]
Path 1 processing to output mixer 4 coefficient (default = 0) u[31:28],
0000 0000
P1[27:0]
P2_to_opmix[4]
Path 2 processing to output mixer 4 coefficient (default = 0) u[31:28],
0000 0000
P2[27:0]
P3_to_opmix[4]
Path 3 processing to output mixer 4 coefficient (default = 0) u[31:28],
0000 0000
P3[27:0]
P4_to_opmix[4]
Path 4 processing to output mixer 4 coefficient (default = 1) u[31:28],
0080 0000
P4[27:0]
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
93
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com