Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 28Page - Texas Instruments TAS5548DCAR Datasheet HTML 29Page - Texas Instruments TAS5548DCAR Datasheet HTML 30Page - Texas Instruments TAS5548DCAR Datasheet HTML 31Page - Texas Instruments TAS5548DCAR Datasheet HTML 32Page - Texas Instruments TAS5548DCAR Datasheet HTML 33Page - Texas Instruments TAS5548DCAR Datasheet HTML 34Page - Texas Instruments TAS5548DCAR Datasheet HTML 35Page - Texas Instruments TAS5548DCAR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
2−23 Bit
S_xxxx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2−4 Bit
2−1 Bit
20 Bit
Sign Bit
23 Bit
M0007-01
10110111
(-73)
-73
+ 11001101
(-51)
+
-51
10000100 (-124)
-124
+ 11010011
(-45)
+
-45
01010111
(57)
-169
+ 00111011
(59)
+
59
10010010 (-110)
-110
8-Bit ALU Operation
(Without Saturation)
Rollover
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
To maximize the linear range of the 76-bit ALU, saturation logic is not used. In MAC computations, intermediate
overflows are permitted, and it is assumed that subsequent terms in the computation flow will correct the
overflow condition. The biquad filter structure used in the TAS5548 is the “direct form I” structure and has only
one accumulation node (for an example, see Biquad Filters). With this type of structure, intermediate overflow
are allowable as long as the designer of the filters has assured that the final output will bounded and not
overflow. Figure 27 is an example, using 8-bit arithmetic for ease of illustration, of a bounded computation that
experiences intermediate overflow condition.
The DAP memory banks include a dual port data RAM for storing intermediate results, a coefficient RAM, and a
fixed program ROM. Only the coefficient RAM, assessable via the I2C bus, is available to the user.
Figure 27. DAP ALU Operation With Intermediate Overflow
7.4.10.2 28-Bit 5.23 Number Format
All mixer gain coefficients are 28-bit coefficients using a 5.23 number format. Numbers formatted as 5.23
numbers have 5 bits to the left of the binary point and 23 bits to the right of the binary point. This is shown in
Figure 28.
Figure 28. 5.23 Format
The decimal value of a 5.23 format number can be found by following the weighting shown in Figure 29. If the
most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct
number. If the most significant bit is a logic 1, then the number is a negative number. In this case, every bit must
be inverted, a 1 added to the result, and then the weighting shown in Figure 29 applied to obtain the magnitude
of the negative number.
32
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com