Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 102 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 98Page - Texas Instruments TAS5548DCAR Datasheet HTML 99Page - Texas Instruments TAS5548DCAR Datasheet HTML 100Page - Texas Instruments TAS5548DCAR Datasheet HTML 101Page - Texas Instruments TAS5548DCAR Datasheet HTML 102Page - Texas Instruments TAS5548DCAR Datasheet HTML 103Page - Texas Instruments TAS5548DCAR Datasheet HTML 104Page - Texas Instruments TAS5548DCAR Datasheet HTML 105Page - Texas Instruments TAS5548DCAR Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
8.3 Do’s and Don’ts
8.3.1 Frequency Scaling AM Avoidance
The AM avoidance strategy exploits the presence of the ASRC. The APLL output frequency is directly varied by
varying the multiplier ratio in the PLL loop. The dividers to generate clocks from the APLL are fixed at their
nominal division factor, so the result is that the internal sampling rate is changing accordingly.
The ASRC will adapt with this changing output rate (the internal sampling rate) and convert the incoming
sampling rates to this rate accordingly. The rest of the circuit does not change and operates normally, but since
the APLL output frequency is varied while the clock dividers are fixed, the PWM carrier frequency becomes
varied also, which is the goal of this AM avoidance strategy.
This shift in processing rate will effect time-domain digital processing, such as the EQ's and DRC's decay values
by the value in Freq_Error below.
Table 86. APLL/DAP/ASRC Clock Frequencies with New AM Avoidance Strategy
Feedbac
# cycles
Mode
Input FS
XTLA
Prescale
DCLK
Internal SR
DAP CLK
ASRC CLK
PWM rate
Freq_Error
k
per FS
Normal
8 - 192k
12288
4
64
196608
96
131072
1365.33
98304
384
0.00%
AM#1
8 - 192k
12288
4
62
190464
93
126976
1365.33
95232
372
-3.13%
AM#2
8 - 192k
12288
4
60
184320
90
12288
1365.33
92160
360
-6.25%
AM#3
8 - 192k
12288
4
58
178176
87
118784
1365.33
89088
348
-9.38%
AM#4
8 - 192k
12288
4
56
172032
84
114688
1365.33
86016
336
-12.50%
8.4 Initialization Set Up
8.4.1 Startup Register Writes to get Audio Functioning
By default, the device starts up with its outputs muted. The following writes should be used to bring it out of
standby:
TAS5548
1. Exit Shutdown 0x03 = A0
2. Set Master Volume 0xD9 = 00 00 00 48
102
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com