Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 103 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 99Page - Texas Instruments TAS5548DCAR Datasheet HTML 100Page - Texas Instruments TAS5548DCAR Datasheet HTML 101Page - Texas Instruments TAS5548DCAR Datasheet HTML 102Page - Texas Instruments TAS5548DCAR Datasheet HTML 103Page - Texas Instruments TAS5548DCAR Datasheet HTML 104Page - Texas Instruments TAS5548DCAR Datasheet HTML 105Page - Texas Instruments TAS5548DCAR Datasheet HTML 106Page - Texas Instruments TAS5548DCAR Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 116 page
background image
CH1
(Post DRC)
RMS
Weighting Register (Scale)
. . .
CH2
(Post DRC)
.
.
.
.
.
.
Satallite
Energy Sum
Programmable
Threshold
Comparator
EMO
CH7
(Post DRC)
0xBB–0xBE
Reg 0x10
0xB2
RMS
RMS
0xB3
0xB4
0xB9
CH8
(Post DRC)
0xB2
RMS
0xBA
Sub
Energy Sum
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
9 Power Supply Recommendations
9.1 Power Supply
The TAS5548 requires a single 3.3-V nominal supply for pins DVDD1, DVDD2, AVDD, and AVDD_PWM. The
decoupling capacitors for the power supplies should be placed close to the device terminals.
9.2 Energy Manager
TAS5548 has an Energy Manager that can be used to monitor/control the overall energy in the system. The key
features are:
1. There are separate controllers for Satellite (EMO1) and Sub (EMO2) channels. If EMO2 is not enabled, then
the EMO1 pin is OR'd with the output of the subwoofer comparator.
2. The satellite channels participating in the energy estimation are selectable. For example, in the 5.1 Mode, the
line out channels can be programmed to not participate in the energy estimation.
3. There is a mixer for each channel before mixing. This is for scaling each channel before adding. The energy
of all participating satellite channels are added and compared with a programmable threshold. If the value
crosses the threshold, the satellite_over_power bit in the status register is set. Similarly, if the overall energy
is lower than another programmable register, the satellite_idle bit in the status register is set. Both these bits
are “sticky,” meaning once set, the external controller has to write a “0” to clear the bit
4. Similar to the satellite channel, the sub channel energy is also estimated and compared against an upper
and lower threshold. If above the upper threshold, the sub_over_power bit is set and if below the threshold,
the sub_idle_bit are set. These are also "sticky" bits. Sub channels also have a disable pin that bypass
energy comparison.
5. An OR of the 4 status bits are available on EMO pin
External controller on the detection of EMO interrupt (pin going high) can read the status register for more
information.
The controller can shutdown the PWM for idle mode and or reduce channel energy to reduce overall power. The
Controller discerns more details on the EMO condition by using the status and enable bits. Figure 52 shows the
EMO system for satellite channels. A similar EMO system for the subwoofer channel also will be implemented.
The EMO pin is shared between satellite and sub channels.
Figure 52. Energy Manager
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
103
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com