Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 5 Page - Silicon Laboratories

  AN607 Datasheet HTML 1Page - Silicon Laboratories AN607 Datasheet HTML 2Page - Silicon Laboratories AN607 Datasheet HTML 3Page - Silicon Laboratories AN607 Datasheet HTML 4Page - Silicon Laboratories AN607 Datasheet HTML 5Page - Silicon Laboratories AN607 Datasheet HTML 6Page - Silicon Laboratories AN607 Datasheet HTML 7Page - Silicon Laboratories AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AN607
Rev. 1.7
5
3. System Design Considerations
3.1. Power Requirements
The Si70xx devices are inherently low power if the heater is not used. For example, Si7013 power consumption
during a conversion is 150 µA typical, and the power consumption in idle mode is less than 100 nA. This low power
consumption means that there is no significant self-heating in the conversion process. Because the Si7007,
Si7022, and Si7023 PWM output parts do humidity and temperature conversions twice a second to update the
PWM output the power consumption if these parts is higher at 180 µA typical. Generally this still does not cause
significant heating.
3.1.1. Battery Life Considerations
Normally, battery life is rated in milliamp-hours (mAh). For example, an Energizer® E91 battery is rated for
approximately 2500 mAh for light loads when allowed to discharge to 0.9 V.
Considering the case of an Si7013, which has a VDD range of 1.71 to 3.6 V, two AA batteries in series provide
3.0 V when charged and 1.8 V when fully depleted, so this is acceptable.
Again, for the case of an Si7013, a humidity and temperature conversion typically consumes 150 µA. In normal
mode, the total time for an RH and temperature conversion is 8.4 msec, and, in fast mode, this is reduced to
5.5 msec. A temperature conversion is performed every time an RH conversion is done (to allow for temperature
correction).
If a conversion is performed once per second, then 31.5x106 conversions occur per year. The number of milliamp-
hours is as follows:
Plugging in values, this translates to 11.1 mA-hours for one year in normal mode and 7.2 mA-hours for fast mode.
The 100 nA quiescent current of the Si7013 will consume an additional number of milliamp hours, as shown below:
At 100 nA quiescent current, this is 0.876 mA-hours per year.
Even when targeting a 10-year battery life, the sensor itself would consume less than 120 mA hours of charge in
normal mode. This means that only about 5% of the available 2500 mAh is consumed by the sensor.
Of course, in a practical system, there are many other drains on a battery, and, often, coin cells, which have much
less capacity than AA cells, are used. On the other hand, it is generally acceptable to reduce the conversion rate
well below once per second, meaning that a sensor, such as the Si7013, will generally consume a small portion of
the available battery life.
milliamp hours (mAh)
number of conversions
conversion time (msec)
conversion current (mA)
1000msec/sec
3600sec/hour

--------------------------------------------------------------------------------------
=
milliamp hours (mAh)
quiescent current (nA)
8760 (hours/year)
10
6
nA/mA
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com