Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories AN607 Datasheet HTML 20Page - Silicon Laboratories AN607 Datasheet HTML 21Page - Silicon Laboratories AN607 Datasheet HTML 22Page - Silicon Laboratories AN607 Datasheet HTML 23Page - Silicon Laboratories AN607 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
AN607
20
Rev. 1.7
7.3. Mechanical Hygrometers
Mechanical hygrometers use sensing elements relying on a mechanical property of the sensor varying with
humidity. The most common example is the animal hair hygrometer, which uses a piece of animal hair kept under
tension. As humidity increases the hair becomes more flexible and stretches. A strain gage monitors the
displacement caused by the hair stretching with a change in the moisture content of the air. The output of the strain
gage is directly proportional to the relative humidity and is usually indicated on a mechanical meter. Mechanical
hygrometers are generally compact, light weight, reliable, and inexpensive. Accuracies, however are in the ±10%
range.
7.4. Electronic Humidity Sensors
Electronic humidity sensors typically use either a change in resistance or capacitance to measure humidity. These
sensors have become a popular choice because technology advances have made them accurate, compact, stable
and low power. A capacitive sensor consists of two electrodes, separated by a dielectric. As the water vapor in air
increases or decreases, the sensor's dielectric constant changes producing a higher (or lower) capacitance
measurement corresponding to the humidity level. A resistive sensor consists of two electrodes, separated by a
conductive layer. As the humidity in the air increases (or decreases) the conductivity of the sensing layer changes,
altering the resistance between the two electrodes. New techniques for producing thin films have made these types
of sensors, accurate, stable, and easy to manufacture in large quantities. The choice of material assures fast
response times with little hysteresis. The accuracy of electronic sensors is limited by their drift over time caused by
wide variations in temperature and humidity or the presence of pollutants.
The Si70xx humidity senors use a MiM capacitor as the reference and perform a high-accuracy 24-bit conversion
using a sigma delta conversion approach. Each part is factory calibrated for capacitance to RH with a minimum
offset and slope correction. Later members of the family include non-linearity correction and temperature
compensation.
Silicon Laboratories humidity sensors use the capacitance change due to moisture absorption of a polyimide film to
sense humidity. The polyimide film is deposited over a metal finger capacitor and exposed to the ambient via an
opening in the package. The polyimide material and sensing capacitor has been selected for excellent stability. An
optional expanded polytetrafluoroethylene (ePTFE) hydrophobic filter provides protection against dust and most
liquids.
The polyimide film is thin (<5 µm) and very responsive to humidity (response time of less than 10 seconds). The
hydrophobic filter has little impact on the response time.
While the Si70xx sensors are largely conventional, mixed-signal CMOS integrated circuits, relative humidity
sensors in general, and those based on capacitive sensing using polymeric dielectrics in particular, have unique
application and use requirements that are not common to conventional (non-sensor) ICs. Chief among those are:
The need to protect the sensor during board assembly, i.e., solder reflow, and the need to subsequently
Rehydrate the sensor.
The need to protect the senor from damage or contamination during the product life-cycle.
The impact of prolonged exposure to extremes of temperature and/or humidity and their potential effect on
Sensor accuracy.
The effects of humidity sensor “memory”.
Each of these items is discussed in more detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com