Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories AN607 Datasheet HTML 10Page - Silicon Laboratories AN607 Datasheet HTML 11Page - Silicon Laboratories AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AN607
12
Rev. 1.7
The Si70xx filter cover is compatible with standard reflow soldering. It provides lifetime protection against dust and
liquids and should not be removed after soldering.
Figure 9. Do Not Remove Si70xx Protective Cover
The reflow should follow JEDEC standards for lead free solder and reflow with a peak temperature of less than
260 ºC. “No clean” solder paste should be used. The use of an ultrasonic bath with alcohol for cleaning after
soldering is specifically not recommended. The Si70xx sensor opening must be kept clean and free of particulates
during assembly; the pre-installed white filter cover will protect the opening from particulates. Ensure the sensor
opening does not come into contact with conformal coatings. Do not expose the Si70xx to volatile organic
compounds or solvents. If installed, do not remove the white filter cover from the devices.
The use of water-soluble flux and water rinse after soldering is permissible if done with care. The use of DI water is
recommended. If the hydrophobic cover is used, a spray pressure of less than 40 PSI will prevent water entry into
the cover. Without the cover, care would need to be taken to avoid particles from the water or from blow drying to
contaminate the sensor area.
The high-temperature soldering process will introduce a recoverable shift in the sensor indication. Generally,
accuracy will be back within tolerance limits within 48 hours of soldering if the sensor is stored in normal ambient
conditions with ~50%RH.
4.4. Sensor Sensitivity to Chemicals and Vapors
The Si70xx is sensitive to many chemicals and fumes. Notably, household cleaning agents, such as ammonia, are
known to cause sensor readings to drift. To maintain accuracy of the SI70xx, avoid exposure to chemical fumes
and contaminants.
Inert dust (e.g., talc) is essentially benign.
Excessive amounts of dust can slow response.
Contaminants or particles embedded in the polyimide can affect the RH accuracy.
Certain polyethylene bags will outgas and damage the sensor.
Bleach, hydrogen peroxide, ammonia, and other chemicals can affect or damage the sensor.
4.5. Recovering Calibration after High Humidity or Chemical Exposure
Typically, initial accuracy can be recovered by baking the sensor at 125 °C for 12 hours followed by ~2 days
storage period in normal ambient conditions with ~50%RH. High RH exposure (i.e., 75% RH for 12 hours) will
accelerate the post-bake recovery, but, after high RH exposure, approximately two days at normal RH is still
recommended for the device to fully recover its accuracy.
                                        
 
Do not remove 
protective filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com