Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 31 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 27Page - Silicon Laboratories AN607 Datasheet HTML 28Page - Silicon Laboratories AN607 Datasheet HTML 29Page - Silicon Laboratories AN607 Datasheet HTML 30Page - Silicon Laboratories AN607 Datasheet HTML 31Page - Silicon Laboratories AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AN607
Rev. 1.7
31
A PPENDIX C—TERM, U NIT, AND C OEFFICIENT
R EFERENCE
Absolute vapor pressure—A measure of the actual amount of water present in the air.
Dew Point—For a given RH and temperature, the temperature at which condensation would form if the air
were cooled; meaningful as an indicator of comfort.
Hydrophobic—Water repellent/resistant.
IP Rating—Ingress Protection Rating; first digit indicates level of protection against particle; the second
digit represents level of protection against liquids.
IP67—An ingress protection rating indicating that the assembly is dust tight (6) and can withstand up to
1 m of water pressure (7).
Kapton—A polyimide film developed by DuPont that is stable over a wide temperature range (up to +400
°C). It is available in sheet, tape, and “dot” form and is used to protect selected components during solder
reflow.
Oleophobic—Oil repellent/resistant.
Relative Humidity—Absolute_Vapor_Pressure ÷ Saturated_Vapor_Pressure; expressed as a percentage.
Saturated vapor pressure—The maximum amount of water that the air can hold; dependent on
temperature.
Temperature Conversions:
Table 4. Common Pressure Unit Conversions
Divide to Convert
Unit
Pascal
(Pa)
Hectopascal
(hPa)
Kilopascal
(kPa)
Bar
(bar)
Atmosphere
(atm)
Torr*
(torr)
lbf/in2
(psi)
Pa
1
1x10–2
1x10–3
1x10–5
9.8692x10–6
7.5006 x 10–3
145.04 x 10–6
hPa
100
1
1x10–1
1x10–3
9.8692x10–4
7.5006 x 10–1
145.04 x 10–4
kPa
1000
10
1
1x10–2
9.8692x10–3
7.5006
145.04 x 10–3
bar
100,000
1000
100
1
0.98692
750.06
14.50377
atm
101,325
1013.25
101.325
1.01325
1
760
14.696
torr
133.322
1.33322
133.322 x 10–3 1.3332 x 10–3 1.3158 x 10–3
1
19.337 x 10–3
psi
6.895 x 103
68.95
6.895
68.948 x 10–3 68.046 x 10–3
51.715
1
*Note: 1 torr ~= 1 mmHg
T
°C
5
9
--- T
°F
32
–

=
T
°F
9
5
---


T
°C
32
T
°K
T
°C
273.15
T
°R
T
°F
459.69
+
=
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com