Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 36 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories AN607 Datasheet HTML 36Page - Silicon Laboratories AN607 Datasheet HTML 37Page - Silicon Laboratories AN607 Datasheet HTML 38Page - Silicon Laboratories AN607 Datasheet HTML 39Page - Silicon Laboratories AN607 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
AN607
36
Rev. 1.7
Entering the Table into Memory
The table is entered into memory addresses 0x82–0xB7, one byte at a time. For the above example, the values to
be written are listed in Table 8:
Table 8. Example Non-Linear Thermistor Correction Entries into Si7013 Memory
Table
Entry
Hex
Byte 1
Byte 2
Memory
Location
Table
Entry
Hex
Byte 1
Byte 2
Memory
Location
Table
Entry
Hex
Byte 1
Byte 2
Memory
Location
17193
4329
43
82
11879
2E67
2E
94
–256
FF00
FF
A6
29
83
67
95
00
A7
13463
3497
34
84
15608
3CF8
3C
96
–294
FEDA
FE
A8
97
85
F8
97
DA
A9
10218
27EA
27
86
19338
4B8A
4B
98
–364
FE94
FE
AA
EA
87
8A
99
94
AB
7599
1DAF
1D
88
23067
5A1B
5A
9A
–476
FE24
FE
AC
AF
89
1B
9B
24
AD
5592
15D8
15
8A
26797
68AD
68
9C
–640
FD80
FD
AE
D8
8B
AD
9D
80
AF
4099
1003
10
8C
30527
773F
77
9E
–877
FC93
FC
B0
03
8D
3F
9F
93
B1
3011
0BC3
0B
8E
34256
85D0
85
A0
–1210
FB46
FB
B2
C3
8F
D0
A1
46
B3
2222
08AE
08
90
37986
9462
94
A2
–1684
F96C
F9
B4
AE
91
62
A3
6C
B5
1655
0677
06
92
41715
A2F3
A2
A4
–2346
F6D6
F6
B6
77
93
F3
A5
D6
B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com