Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 7Page - Silicon Laboratories AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories AN607 Datasheet HTML 10Page - Silicon Laboratories AN607 Datasheet HTML 11Page - Silicon Laboratories AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AN607
Rev. 1.7
11
4. Humidity and Temperature Sensor Special Handling Considerations
4.1. Product Storage
The Si70xx are shipped in sealed anti-static bags. The sensors may be stored in a humidity and temperature
controlled (RH: 20% to 60%, Temp 10 °C to 35 °C) environment for up to one year after being removed from the
bag prior to assembly (the moisture sensitivity rating is MSL2). Do not store the humidity sensors in polyethylene
bags (typically blue, yellow, or pink) because these emit gases that can affect the sensor. Metallic, anti-static,
sealable, moisture-barrier bags are recommended for storage. Do not use sealants or tapes to seal inside the
packaging.
4.2. Use of Conformal Coating and Under-Fill Materials
Use of conformal coating or under-fill material is possible with the following cautions:
Conformal coatings and under-fill material must not be allowed to come directly in contact with the humidity
sensing layer of the Si70xx as they will adhere to the polyimide film and cause a permanent shift in the
humidity sensor readings. Even very small particles can have a significant effect.
Generally, materials that outgas or give off an odor have the potential to affect sensor performance.
Following are general recommendations to avoid humidity sensor drift from fumes:

Cover the Si70xx during the application process with a cover that forms a seal on the device such as Kapton™
KPPD-1/8 polyimide tape.

The optional Silicon Laboratories protective cover will not block fumes, but it will block liquids and particles. It may
be effective if the fume concentration is not high.

Use low volatile organic compound (VOC) materials.

Immediately cure the material in a well-ventilated environment.
We recommend that a test run be performed to measure humidity in a controlled chamber before and after the
coating process to make sure no shifts are occurring. If a humidity-controlled test chamber is not available, perform
a side-by-side test with one board coated and one board not coated. These cautions are consistent with all
polyimide-based relative humidity sensors. In general, if a process has been qualified with a similar part from a
different vendor, it will be acceptable for the Si70xx devices.
4.3. Assembly Flow
Limit soldering iron rework to five seconds per lead, for compete rework use a new sensor as manual removal and
soldering can shift senor accuracy outside of data sheet limits. Avoid the use of hot air rework tools.
Figure 8. Limit Solder Rework to Five Seconds or Less
The humidity sensor opening should generally be covered during soldering to prevent flux from getting on the
sensor surface. Further it is recommended that the Si70xx only be soldered with standard reflow (no hand
soldering or hot air tools). The hydrophobic filter is compatible with standard reflow soldering. If the hydrophobic
filter cover is not used, Kapton tape will serve the same purpose, although it has to be removed after soldering.
Soldering iron touch-up is possible if liquid flux is not needed and care is taken to avoid excessive heating (five
seconds per lead). If complete rework is needed, the recommended method is to use a new part and reflow the
entire board.
 
 
 
 
 
 
 
5 seconds 
maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com