Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories AN607 Datasheet HTML 20Page - Silicon Laboratories AN607 Datasheet HTML 21Page - Silicon Laboratories AN607 Datasheet HTML 22Page - Silicon Laboratories AN607 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AN607
Rev. 1.7
19
7. Humidity Measurement
For relative humidity measurements, it is not necessary to measure the ambient temperature unless you are using
a psychrometer. However, to determine the dew point or absolute humidity, the ambient air temperature is required.
Accurate air temperature measurements can be a significant challenge, since air is a poor thermal conductor and
the temperature at any given point can be impacted by air currents and temperature gradients. It is very important
to understand the dynamics of your measurement system and the dynamics of the environment being measured.
Before taking a measurement, you always need to wait long enough to ensure the temperature and humidity are
stable and the sensor(s) of the measurement instrument are in equilibrium with the ambient conditions to be
measured.
A wide range of techniques are employed to measure humidity. These range from simple mechanical indicators, to
highly complex and expensive analytical instruments. In general, measuring humidity (dew point, absolute
humidity, specific humidity, mixing ratio, relative humidity or equivalent wet bulb temperature) is not a trivial task.
Many of the instruments currently available have poor accuracy, narrow-bandwidth, contamination issues,
hysteresis and measurement drift over temperature and time. Regular calibration is required on some instruments,
which is both inconvenient and expensive. Some instruments are large, awkward, and expensive. Discussed
below, are different methods of humidity sensing. The new generation of humidity sensor technology used in
Silicon Labs’ solid state humidity sensors provide superior accuracy, minimum drift, low cost, low power, small size
and ease of use.
7.1. Psychrometer
A psychrometer is the oldest method for measuring humidity more commonly known as the wet bulb/dry bulb
method. A psychrometer consists of two thermometers, one with an ordinary dry bulb and the other with a moist
cloth covering the bulb (wet bulb). Evaporation from the moist cloth lowers the wet bulb thermometer's
temperature. The wet-bulb thermometer shows a lower temperature, Twb, than the dry-bulb thermometer, Tdb, if
the air is not saturated with water vapor. The temperatures are the same in saturated air. The amount of
evaporation is dependent on the relative humidity of the air (more evaporation and lower Twb with lower RH).
Given the dry bulb and wet bulb temperatures the relative humidity is looked up on a psychrometric chart. For
example, at sea level if Tdb = 25 °C and Twb = 18 °C, RH = ~50%. Looking up the %RH on a chart for every
measurement is both time-consuming and cumbersome but can be automated with a microcontroller. A
psychrometric sensor can achieve good precision with %RH resolutions of 0.01% for humidity ranges from
10–100% at temperatures from 0 to 60 °C, and accuracy of 1%. The disadvantages of a psychrometric sensor are
a slow response time, large physical size, the need to keep one thermometer bulb wet, the need to have airflow
around the wet bulb, and high cost.
7.2. Chilled Mirror Hygrometers
The chilled mirror hygrometer is considered the most accurate and reliable hygrometer. Chilled mirror hygrometers
use a cooled mirror with an optoelectronic mechanism to detect condensation on the mirror surface at an
accurately measured temperature. The system is configured to reflect LED light off a mirror at an angle of
approximately 45 degrees with a photo-transistor detecting the reflected light. The temperature of the mirror is
electronically controlled, typically with a Peltier-effect device. The system works by cooling the mirror's surface
below ambient temperature until condensation forms, causing the LED's light to scatter resulting in a sudden drop
in the output of the photo-transistor. The surface temperature of the mirror is read using an accurate temperature
sensor such as a thermistor. The temperature at which condensation forms is the dew point. All humidity values
can be calculated from the dew point. The mirror temperature can be controlled with a feedback loop to
continuously track the dew point. The chilled mirror is the most stable and accurate method to determine relative
humidity. However, it is crucial to keep the mirror clean, provide a method of clearing the condensation and to
ensure that the temperature sensor and mirror are of high quality. This method operates over the full humidity
range (0-100%RH) and can be used for numerous gases at many pressures. Chilled mirror hygrometer
instruments are bulky and very expensive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com