Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 11Page - Silicon Laboratories AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
AN607
Rev. 1.7
15
5. An Introduction to Humidity
Atmospheric air normally contains water vapor and can be thought of as a mixture of ideal gasses. Dry air (no
moisture content) is the combination of approximately (on a mole basis) 78.09% N2, 20.95% O2, 0.93% Ar and
0.03% CO2 and trace elements. The amount of water vapor found in air depends on available liquid water (or ice),
temperature, pressure and ranges from nearly zero to the point of saturation called “dew point (frost point)”. Water
vapor enters the air by evaporation due to the vapor pressure of water or ice.
5.1. Vapor Pressure
There are a few key concepts to keep in mind when discussing vapor pressure. Pure water vapor pressure, p, is
due to water vapor pressure over water or ice without the presence of other gases such as air. In combination with
air, the actual water vapor pressure is increased by a dimensionless factor referred to as a water vapor
enhancement factor, f. This factor is a weak function of temperature and pressure and is approximately 0.47% at
sea level and 20 °C. The actual vapor pressure of water vapor, p', is the pure water vapor pressure, p, multiplied by
the enhancement factor, f.
Dalton's law states that the total pressure of a mixture of gasses is equal to the sum of the partial pressures of each
component gas and assumes the combination of gasses behaves like an ideal gas. In an ideal gas mixture such as
air, the total pressure is the sum of the partial pressures of each gas. The pressure of air at any point can be
calculated as follows.
Note that pH2O is the actual vapor pressure of water in air referred to as p'.
There are several useful equations when working with vapor pressure. The best one to use depends on the
available information you have about the problem you need to solve, the range of conditions for the problem the
degree of accuracy required and the computational resources available. These equations and their range of
application are discussed in detail in appendix B. Pressures referred to in this document are absolute (not gauge)
unless otherwise specified.
5.2. Temperature
The relative humidity value can change significantly with even slight variations in temperature. For example, a 1 °C
change in temperature at 35 °C and 75% relative humidity will introduce a –4% RH change. A higher temperature
increases the ability of air to absorb moisture and a lower temperature decreases the ability of air to absorb
moisture. Temperature changes can introduce moisture variations in an air mass if condensation occurs or through
secondary impacts such as changing the moisture absorption or desorption of environmental materials in an
enclosure. For humidity sensors that respond in proportion to relative humidity and not absolute humidity, the issue
of temperature measurement error is not significant unless conversion to dew point, absolute humidity or any other
measurement of water vapor in the air is required. In the case of a dew point calculation, a 1 °C error in the
measurement of the temperature will produce approximately a 1 °C error in the calculation of the dew point. This
temperature dependency not only emphasizes the importance of accurate temperature measurement, it also
highlights the necessity of thermal stability, which can be difficult to achieve. Even if the temperature and humidity
measurements are taken in relatively close proximity, there can be considerable differences in corresponding
levels of humidity and temperature. To achieve the most accurate measurement it is best if the humidity and
temperature measurements are taken as close as possible to each other—ideally co-located on the same chip.
p
pf
p 1.0047

==
pp
N2
p
O2
p
H2O
p
Ar
p
CO2
++
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com