Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 27 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 23Page - Silicon Laboratories AN607 Datasheet HTML 24Page - Silicon Laboratories AN607 Datasheet HTML 25Page - Silicon Laboratories AN607 Datasheet HTML 26Page - Silicon Laboratories AN607 Datasheet HTML 27Page - Silicon Laboratories AN607 Datasheet HTML 28Page - Silicon Laboratories AN607 Datasheet HTML 29Page - Silicon Laboratories AN607 Datasheet HTML 30Page - Silicon Laboratories AN607 Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AN607
Rev. 1.7
27
Humidity-Related Calculations
While the above expressions are physically based, they are difficult to solve and manipulate. Hence, many
approximate formulas have been developed. The two most common are the Antoine Equation and the Magnus
equation. Many of these formulas contain coefficients that can vary depending on their source, its age and, in some
cases, the context of the equations use.
Antoine Equation
This equation calculates saturation vapor pressure. Additionally; coefficients are available for this equation for a
wide variety of vapors other than water. The coefficients used in the following equation are for an air-water system
and are optimized for use over the temperature range 0 to 100 °C.
Magnus Equation
This equation calculates saturation vapor pressure as does the Antoine Equation. It has the advantage that it can
be easily manipulated to find the dew point (tdp) or frost point.
Where:
P’s is pressure in Pascals Nm
–2
T is temperature in °C
Over the range of –40 to +50 °C, the best fit constants are as follows:
For air with a vapor pressure P’, the dew point is defined as the temperature at which the water vapor would be
saturated. Thus,
Utilizing the relationship
RH = 100 x P’/P’s
A1
B1
C1
Reference
17.625
243.04
610.94
Alduchov, Oleg A., Robert E. Eskridge, 1996: Improved Magnus Form
Approximation of Saturation Vapor Pressure. J. Appl. Meteor., 35, 601–609
p
s
23.19
3830
T
44.83
–
------------------------
–


exp
=
t
dp
3830
23.19
Ps

ln
–
--------------------------------------
44.83
+
=
Where:
Pressure in Pascals Nm
2
–

Temperature in °K (°C + 273.15)
P
sC
1
e
A1T
B
1
T
+
-----------------


=
T
d
B
1
In
P
C
1
-------


A1
P
C
1
-------


ln
–
--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com