Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories AN607 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
AN607
16
Rev. 1.7
5.3. Evaporation
The average energy of molecules in a liquid is directly proportional to temperature. The vapor pressure of water will
increase as it is heated. When it reaches 100 °C at sea level, the vapor pressure will equal the atmospheric
pressure (approximately 760 Torr or 101.325 kPa) and the water will boil. The energy (vapor pressure) of water
molecules in an open partially filled container of liquid water (or ice), Figure 11, is such that some of the molecules
have enough energy to escape the attractive forces holding the water together and evaporate into the atmosphere.
Eventually all of the water will evaporate assuming the air is not saturated. If the container is sealed, Figure 12,
water molecules will evaporate into the air space above the water and some of the evaporated water molecules will
condense back into the liquid water. The rate of evaporation will exceed the rate of condensation until the air above
the water becomes saturated with water vapor. Once the air is saturated the rates of evaporation and condensation
will be equal (the vapor pressure will equal the saturation pressure inside the closed container). Evaporation takes
place at the surface of the liquid while boiling can take place throughout the volume of the liquid.
Figure 11. Water in Open Container
Evaporation > Condensation
Humidity in the open air is increasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com