Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 10Page - Silicon Laboratories AN607 Datasheet HTML 11Page - Silicon Laboratories AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
AN607
14
Rev. 1.7
4.7. Hysteresis
The moisture absorbent film (polymeric dielectric) of the humidity sensor will carry a memory of its exposure
history, particularly its recent or extreme exposure history. A sensor exposed to relatively low humidity will carry a
negative offset relative to the factory calibration, and a sensor exposed to relatively high humidity will carry a
positive offset relative to the factory calibration. This factor causes a hysteresis effect illustrated by the solid trace
in Figure 10. The hysteresis value is the difference in %RH between the maximum absolute error on the
decreasing humidity ramp and the maximum absolute error on the increasing humidity ramp at a single relative
humidity setpoint and is expressed as a bipolar quantity relative to the average error (dashed trace). In the
example of Figure 10, the measurement uncertainty due to the hysteresis effect is ±1.0%RH.
4.8. Prolonged Exposure to High Humidity
Prolonged exposure to high humidity will result in a gradual upward drift of the RH reading. The shift in sensor
reading resulting from this drift will generally disappear slowly under normal ambient conditions. The amount of
shift is proportional to the magnitude of relative humidity and the length of exposure. In the case of lengthy
exposure to high humidity, some of the resulting shift may persist indefinitely under typical conditions. It is generally
possible to substantially reverse this effect by baking the device as described in the following section.
4.9. Bake/Hydrate Procedure
After exposure to extremes of temperature and/or humidity for prolonged periods, the polymer sensor film can
become either very dry or very wet, in each case the result is either high or low relative humidity readings. Under
normal operating conditions, the induced error will diminish over time. From a very dry condition, such as after
shipment and soldering, the error will diminish over a few days at typical controlled ambient conditions, e.g., 48
hours of 45
≤ %RH ≤ 55. However, from a very wet condition, recovery may take significantly longer. To accelerate
recovery from a wet condition, a bake and hydrate cycle can be implemented. This operation consists of the
following steps:
Baking the sensor at 125 °C for
≥ 12 hours
Hydration at 30 °C in 75% RH for
≥ 10 hours
Following this cycle, the sensor will return to normal operation in typical ambient conditions after 48 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com