Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 3Page - Silicon Laboratories AN607 Datasheet HTML 4Page - Silicon Laboratories AN607 Datasheet HTML 5Page - Silicon Laboratories AN607 Datasheet HTML 6Page - Silicon Laboratories AN607 Datasheet HTML 7Page - Silicon Laboratories AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories AN607 Datasheet HTML 10Page - Silicon Laboratories AN607 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AN607
Rev. 1.7
7
Figure 7. General Thermal Model for Sensor Placement
If the system has a large thermal mass (C1) or other internal heat sources the thermal resistance from the sensor
to the system (R2) should be much larger than the thermal resistance of the sensor to ambient (R1). For rapid
response, the thermal mass connected to the sensor (C2) should be minimized. A practical example of this along
with some specific numbers is discussed in "Appendix E—Thermal Model for a Sensor on a Paddle" on page 38.
3.2.3. Optimizing Humidity Response
The humidity sensor element of the Si7006, Si7013, Si7020, Si7021, and Si7034 devices have a response time of
17–18 seconds at room temperature. For the Si7007, Si7022, and Si7023 devices, the humidity sensor response
time is six seconds at room temperature. If the humidity sensing element is placed within a cavity, this will be
affected by the following factors.
The temperature of the cavity compared to the air temperature

As discussed in "2.1.Humidity Sensor Technology" on page 4, as air is heated or cooled, the air humidity will
decrease or increase by 5% per degree of heating or cooling. The sensor and surrounding air must track the
ambient temperature in order to accurately measure humidity.
The size of the cavity versus the size of the opening

Generally, the opening should be comparable in size of the cavity in order to avoid slowing of the response.
Porous materials within the cavity can absorb or emit humidity and dramatically affect the response.
Organic vapors, such as those from glue, can also produce a response. These effects are worse if the
cavity opening is small compared to the cavity size. The cavity should be made of materials, such as hard
plastic, metal, or hard rubber. Any sealants should be fully cured.
3.2.4. Protection Against Liquids and Dust
Like most other IC type humidity sensors, the Si70xx humidity sensors measure humidity by the change in
dielectric constant of a porous polyimide film. Conductive dust particles will cause errors in the readings,
particularly if they become lodged in the humidity sensing film. Organic solvents can cause a semi-permanent shift
in humidity readings. Even liquid water can have a permanent effect on humidity response if it leaves a mineral
residue after evaporation.
Generally, a porous cover is used to protect against dust and liquids. Typically, the cover is made of expanded
polytetrafluoroethylene (ePTFE). Polytetrafluoroethylene is often known under the name brand Teflon®, and
ePTFE is often known under the name brand Gore-Tex®.
The effectiveness of the cover is expressed by the ingress protection or IP rating. A cover with a rating of IP67 is
recommended, which means the cover is completely dustproof and can withstand water immersion to a depth of at
least one meter.
Tambient
Sensor
Tambient
System
R3
R2
R1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com