Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 29Page - Silicon Laboratories AN607 Datasheet HTML 30Page - Silicon Laboratories AN607 Datasheet HTML 31Page - Silicon Laboratories AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories AN607 Datasheet HTML 36Page - Silicon Laboratories AN607 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AN607
Rev. 1.7
33
A PPENDIX D—N ONLINEAR C ORRECTION OF VOLTAGE
I NPUTS WITH THE Si7013
The Si7013 has the capability to apply a lookup-table-based non-linear correction to voltage measurements. This
correction is invoked by writing a “1” to bit 5 of user register 1. Note that humidity measurements should not be
performed when this bit is set. In the discussion below, “input” refers to the A/D voltage measurement result, which
is a 16-bit signed integer, and “output” refers the output after the non-linear correction, which is assumed to be a
16-bit unsigned integer.
The non-linear correction is based on a 10-point table lookup linearization. Each point consists of the ideal output
for a given expected A/D measurement result. Table 6 is stored in the Si7013 memory, which must also have the
slope at points 1–9. Slope is multiplied by a scaler of 256.
Only nine of the input/output pairs need to be in the table because the 10th pair is determined by the slope
equation. Overall, the Si7013 has 27 16-bit numbers in its table (54 bytes). This table is stored in non-volatile
memory of the Si7013 and must be programmed based on the desired look-up table.
The actual output is determined by extrapolation:
If in >in2, out = out1+slope1 x (in-in1)/256
Else if in >in3, out = out2+slope2 x (in-in2)/256
Else if in >in4, out = out3+slope3 x (in-in3)/256
Else if in >in5, out = out4+slope4 x (in-in4)/256
Else if in >in6, out = out5+slope5 x (in-in5)/256
Else if in >in7, out = out6+slope6 x (in-in6)/256
Else if in >in8, out = out7+slope7 x (in-in7)/256
Else if in >in9, out = out8+slope8 x (in-in8)/256
Else out = out9+slope9 x (in-in9)/256
slopeN
256
outputN
1
outputN
–
+

inputN
1
inputN
–
+

------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com