Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 6Page - Silicon Laboratories AN607 Datasheet HTML 7Page - Silicon Laboratories AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories AN607 Datasheet HTML 10Page - Silicon Laboratories AN607 Datasheet HTML 11Page - Silicon Laboratories AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AN607
10
Rev. 1.7
3.7. ESD Considerations
It is desirable to expose the Si70xx sensor to the environment. For the sensor to respond to the environment there
must be a way for the air being sensed to reach the sensor (the environmental access port). This means that the
sensor may also be exposed to ESD as specified in IEC 61000-4-2 with ESD peak voltage of up to ±15 kV.
For the humidity sensors, when the cover is not used and the ESD source is directly over the package opening, it is
possible for ESD to arc into the sensor area and cause damage. This can be avoided by using of the Silicon Labs
filter cover or by placing the Si70xx so that the sensor opening is offset from the environmental access port.
The above approaches will prevent ESD discharge into the sensor area, but ESD discharge to the leads may still
be possible. The best practice for ESD protection of the leads is to arrange the sensor placement and
environmental access so that high-level ESD events will preferentially be directed to ground (i.e., have an exposed
ground trace or ground shield closer to the environmental access port than the sensor). If grounded, a metal case
is used; this is also effective for ESD protection.
If it is not possible to protect the leads of the device from ESD, unused leads should be connected to VDD. High-
quality ESD protection diodes can be used on leads that have signals on them. The ESD protection device should
be rated for more than 15 kV immunity and should limit ESD voltage peaks to less than 10 V. Some examples that
have been tested include Vishay MSP3V3 and COMCHIP CPDQ3V3U-HF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com