Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 26 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 22Page - Silicon Laboratories AN607 Datasheet HTML 23Page - Silicon Laboratories AN607 Datasheet HTML 24Page - Silicon Laboratories AN607 Datasheet HTML 25Page - Silicon Laboratories AN607 Datasheet HTML 26Page - Silicon Laboratories AN607 Datasheet HTML 27Page - Silicon Laboratories AN607 Datasheet HTML 28Page - Silicon Laboratories AN607 Datasheet HTML 29Page - Silicon Laboratories AN607 Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
AN607
26
Rev. 1.7
Clausius-Clapeyron Equation
The Clausius-Clapeyron equation modifies the Clapeyron equation with two simplifying approximations that make
this equation useful for ice to water vapor and liquid water to water vapor transitions. The first assumption is that
the change in volume from liquid water to gas (water vapor) or solid (ice) to gas (water vapor) is approximately
equal to the volume of the gas (water vapor).
The second approximation is the gas (water vapor) can be treated as an ideal gas.
Incorporating these assumptions in the Clapeyron equation yields the following.
Rearranging:
Integrating as an indefinite integral and assuming
h is constant:
Where:
h = enthalpy change for phase change which varies between
2.501 x 106 and 2.257 x 106 J/kg in the range of 0–100 °C
R’ = universal gas constant
R = specific gas constant for water which is 461.5 J/(K – kg)
Rearranging:
Accuracy is best around the temperature used to calculate C2.
For example C2 = 2.53 x 1011 Pa at 0 °C
VV
gas
V
liquid
–
V
gas
VV
gas
V
solid
–
V
gas
=
=
V
gas
nR
T
P
-------------
=
p
T
--------


h
T
nR
T
p
-------------
------------------
h
RT
2
p
-----------
-----------
==
dp
p
--------


h
RT
2
-----------dT
=
p
d
p
--------
h
R
------- 1
T
2
------
dT
p

ln
C
0
+
h
–
R
----------
1
T
---


C
1
+
=
=
p
C
2
e
h
–
R
----------
1
T
---


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com