Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 26Page - Silicon Laboratories AN607 Datasheet HTML 27Page - Silicon Laboratories AN607 Datasheet HTML 28Page - Silicon Laboratories AN607 Datasheet HTML 29Page - Silicon Laboratories AN607 Datasheet HTML 30Page - Silicon Laboratories AN607 Datasheet HTML 31Page - Silicon Laboratories AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
AN607
30
Rev. 1.7
Linearization
The above equation is still too complex to be useful in simple systems; however, it can be noted that, over a narrow
temperature range, the relative humidity error is fairly linear with relative humidity for a given amount of heating and
ambient temperature.
The error is linear with RH and increases by about 5% RH per °C (this is the familiar “Mark Lawrence Rule of
Thumb”).
Thus, the actual RH can be estimated fairly accurately by:
The accuracy of this estimate can be improved by measuring the temperature of the RH sensor and correcting for
heating to get the ambient temperature.
For 5 °C heating, the correction factor varies from 0.0598 at 0 °C to 0.0435 at 50 °C ambient or
and finally,
 
RH
RH
measured
10.05
T
–

---------------------------------
=
T
ambient
T
measured
T
–
=
CF
0.0598
0.000346
–
T
ambient
=
RH
RH
measured
1CF
–
T

------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com