Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories AN607 Datasheet HTML 20Page - Silicon Laboratories AN607 Datasheet HTML 21Page - Silicon Laboratories AN607 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
AN607
18
Rev. 1.7
6. How Humidity is Quantified
Humidity represents the amount of water vapor contained in the air and can be quantified in many ways. Several of
the terms describing humidity are defined differently for meteorology applications and thermodynamics or chemical
engineering applications. For this reason, it is important to understand the context of the application. The following
is a brief description of the most common terms for quantifying humidity.
6.1. Absolute Humidity
Absolute humidity in the context of meteorological applications, sometimes referred to as “volumetric humidity”, is
defined as the mass of water vapor dissolved in a total volume of moist air at a given temperature and pressure.
Typical units are g/m3 or kg/m3. The value of absolute humidity defined in this manner changes with temperature
and pressure and is inconvenient to use in many engineering applications.
Absolute humidity for use in thermodynamics or chemical engineering applications is defined as the ratio of water
vapor mass to dry air mass. Typical units are kg/kg. Other names for this ratio include mass mixing ratio, humidity
ratio, mass fraction or mixing ratio. This quantity is simpler to use and more accurate for mass balance or heat
calculations. Due to the conflicting definitions of absolute humidity, caution is required when using this term.
6.2. Specific Humidity
Specific humidity, Yw, can be defined for meteorology applications as the ratio of water vapor mass per mass of
moist air expressed as g/kg or kg/kg. Specific humidity is constant with changes in temperature and pressure for
conditions above the dew point and is a useful quantity in meteorology. The rate of evaporation of water is directly
proportional to specific humidity.
6.3. Relative Humidity
Relative humidity is the ratio of actual water vapor present in air with the amount of water vapor that would be
present in air at saturation, expressed as a percentage. The official symbol for relative humidity is
 although RH,
%RH, rh, or %rh are commonly used. Relative humidity can be expressed as the ratio of the actual vapor pressure,
p', to the saturation vapor pressure, ps’, at a constant temperature over a plane of liquid water.
6.4. Dew Point
Upon heating, the capacity of air to absorb moisture increases. Consequently, the relative humidity of air
decreases as the air is heated. Conversely, as moist air is cooled, its capacity to absorb moisture decreases and
relative humidity increases. The dew point is the temperature, assuming constant pressure, moist air is saturated
(reaches 100% relative humidity) and cannot absorb additional water. As the temperature is decreased past the
dew point, moisture condenses until the air is saturated (reaches 100% relative humidity) at the new lower
temperature.
6.5. Frost Point
Frost point is the same as dew point over solid ice where the condensate is frost instead of liquid water.
RH (%)
p'
ps'

100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com