Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 34 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 30Page - Silicon Laboratories AN607 Datasheet HTML 31Page - Silicon Laboratories AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories AN607 Datasheet HTML 36Page - Silicon Laboratories AN607 Datasheet HTML 37Page - Silicon Laboratories AN607 Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
AN607
34
Rev. 1.7
The table must be arranged in order of decreasing input values. The table is entered into memory addresses 0x82–
0xB7 one byte at a time.
The table itself is user-programmed, and, by default, all table values are 0xFF. It should be noted that, once the
non-linear correction data is saved to memory, it cannot be overwritten.
As an aid to calculation of the table, several tools have been developed.
A spreadsheet, “Si7013 Thermistor Correction Calculator.xlsx”, is available under the Miscellaneous
section of the Sensors Documentation page at http://www.silabs.com/support/pages/document-
library.aspx?p=Sensors. This spreadsheet calculates the expected output of the A/D based on an
assumed thermistor and biasing circuit (the NCP18XH103F03RB thermistor used on Si7013 evaluation
boards with 24.3 k
 biasing resistors). Then, based on the desired output after linearization (In this case,
output = (temperature + 46.85) x 65536/175.72), the slope is calculated. Finally, the spreadsheet
calculates the hexadecimal values that should go in memory locations 0x82–0xB7 based on the input/
output and slope values.
The Si7013 evaluation board has the option of trying different values of linearization based on numbers
entered in a GUI. These values can be saved to file or burned into the Si7013 memory. For example:
For the Si7013 evaluation board with a 10 k
 thermistor and two 24.3 k bias resistors, and assuming the A/D
conversion is done using VDD as a reference with buffered inputs, the ideal input voltage version temperature is:
Vin = VDD x Rthemistor/(Rthermisor + 46.4 k
)
Since VDD is also the reference, then the expected A/D conversion result is:
A/D counts = 32768 x Rthemistor/(Rthermisor + 46.4 k
)
If it is desired to linearize this result for the same temperature representation as the onboard temperature sensor:
Temperature °C = (Output_Code x 175.72/65536 – 46.85)
Then, the desired output code is:
Output_Code = 65536 x (Temperature + 46.85)/175.72
Using thermistor data sheet values of resistance versus temperature and choosing to linearize at the points
(–15 °C, –5 °C, 5 °C, 15 °C, 25 °C, 35 °C, 45 °C, 55 °C, 65 °C, and 75 °C) results in the information in Table 7.
Table 6. Memory Location Descriptions
Memory Location
Description
0x82
MSB of in1
0x83
LSB of in1
……
0x93
LSB of in9
0x94
MSB of out1
……
0xA5
LSB 0f out9
0xA6
MSB of slope1
……
0xB7
LSB of slope9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com