Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 2Page - Silicon Laboratories AN607 Datasheet HTML 3Page - Silicon Laboratories AN607 Datasheet HTML 4Page - Silicon Laboratories AN607 Datasheet HTML 5Page - Silicon Laboratories AN607 Datasheet HTML 6Page - Silicon Laboratories AN607 Datasheet HTML 7Page - Silicon Laboratories AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories AN607 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AN607
6
Rev. 1.7
3.2. Temperature and Humidity Sensor Placement
The following are general guidelines for sensor placement:
For accurate humidity and temperature measurement, keep heating from other components to less than
0.2 °C, or compensate for heating.
For rapid response to air temperature changes, keep the thermal mass that is attached to the sensor low,
and insulate the sensor from larger system thermal masses.
For rapid response to humidity changes, keep the sensor exposed to the ambient, or make the opening
comparable in size to the cavity in which the sensor resides.
Do not use materials, such as soft plastic, glue, or wood, in the vicinity of the humidity sensor since these
can absorb or emit moisture as well as give off fumes that affect the senor reading.
Protect the sensor against liquids and dust using the factory-installed ePTFE filter or similar cover.
Protect against ESD with exposed ground metal. For the humidity sensors, if the sensor is not in a cavity,
use the ePTFE filter cover to prevent ESD directly into the sensor area. Use conformal coating material on
the leads, or use ESD diodes on all pins. Unused pins may be connected to VDD for ESD protection.
For situations in which it is not possible to completely insulate the sensor for the system, insulate as much as
possible and use a temperature sensor connected to the system to allow compensation of residual heating. If a
thermal model can be developed for the overall system, it is also possible to apply an inverse filter and speed up
the response of the overall system to changes in the ambient. These are discussed in more detail below.
3.2.1. Place the Sensor Away from Heat Sources
As air is heated or cooled, humidity will be reduced or increased by approximately 5% per degree. That is,
increasing temperature by 1 °C will reduce the relative humidity of 100% humid air to 95%RH or 50% humid air to
47.5% RH. This “rule of thumb” is useful for estimating the effect of small temperature increases.
The first consideration in trying to measure humidity or temperature outside of an enclosure is to place the sensor
away from any heat sources internal to the enclosure or to thermally insulate the sensor from the internal heat
source so it is better connected to the ambient environment than internal heat sources. For accurate humidity
measurement, heating from other sources should be limited to no more than 0.2 °C.
In some cases, where the amount of heating is known or can be measured, it is possible to compensate for the
heating or cooling. For larger temperature increases, the “Magnus” equation can be used to more accurately
calculate the change of humidity for a change in temperature (see also appendix B).
3.2.2. Thermal Mass and Thermal Resistance
When the IC is soldered down, it becomes thermally connected to the printed circuit board on which it is mounted.
The printed circuit board is, in turn, thermally connected to the system it is mounted within. The time constant to
respond to changes in ambient air temperature depends on the effective thermal mass the device is connected to
as well as the effective thermal resistance.
If the entire system (such as a thermostat) can be expected to go up or down in temperature along with the ambient
it is measuring, then separating the sensor from the system is not necessary, but response time will generally be
slow. A general model for this is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com