Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories AN607 Datasheet HTML 20Page - Silicon Laboratories AN607 Datasheet HTML 21Page - Silicon Laboratories AN607 Datasheet HTML 22Page - Silicon Laboratories AN607 Datasheet HTML 23Page - Silicon Laboratories AN607 Datasheet HTML 24Page - Silicon Laboratories AN607 Datasheet HTML 25Page - Silicon Laboratories AN607 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
AN607
22
Rev. 1.7
8.2. Heat Index
The heat index (HI), also called “apparent temperature” combines air temperature and relative humidity to estimate
how “hot” a human will perceive the ambient conditions to be. The heat index is calculated for ambient
temperatures above 27 °C (81 °F) and dew points above 12 °C (54 °F) (relative humidity above 40%). Heat index
is calculated with the following equation2.
1. www.shorstmeyer.com/wxfaqs/humidity/humidity.html
2. www.srh.noaa.gov/images/epz/wxcalc/heatIndex.pdf
3. www.crh.noaa.gov/pub/heat.php
8.3. Wind Chill
Wind chill, also called wind chill temperature, wind chill factor or wind chill index, expresses the perceived air
temperature on skin exposed to wind. Wind chill is defined for temperatures at or below 10 °C (50 °F) and wind
speeds greater than 4.8 kilometers/hour (3.0 mph). Wind chill is calculated by the following equations4.
4. http://web.uvic.ca/~eos340/wind_chill.pdf
Table 2. Human Reaction to Heat Index, HI, in Shady Light Wind Conditions*
Heat Index, HI, °F
Human Impact
80 to 90
Fatigue possible with prolonged exposure
and physical activity
90 to 105
Sunstroke, heat cramps and heat exhaus-
tion are possible
105 to 130
Sunstroke, heat cramps and heat exhaus-
tion likely. Heat stroke possible
> 130
Heat stroke is highly likely with continued
exposure
*Note: See www.crh.noaa.gov/pub/heat.php.
HI
42.379
–
2.04901523T

10.14333127RH

0.22475541TRH

–
6.83783
10
3
–
T
2

–
5.481717
10
2
–
RH
2

–
1.22874
10
3
–
T
2
RH

8.5282
10
4
–
TRH
2

1.99
10
6
–
T
2
RH
2

Where:
HI = Head Index in degress Farenheit
T = Ambient temperature in degrees Farenheit
RH = Relative humidity in %
–
++
++
=
T
wc
35.74
0.6215T
a
35.75V
0.16
–
0.4275T
aV
0.16
Where:
T
wc
Wind chill temperature in degrees Farenheit
T
a
Ambient temperature in degrees Farenheit
V
Wind velocity in miles-per-hour
=
=
=
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com