Electronic Components Datasheet Search
  English  ▼

X  

AN607 Datasheet(PDF) 38 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories AN607 Datasheet HTML 36Page - Silicon Laboratories AN607 Datasheet HTML 37Page - Silicon Laboratories AN607 Datasheet HTML 38Page - Silicon Laboratories AN607 Datasheet HTML 39Page - Silicon Laboratories AN607 Datasheet HTML 40Page - Silicon Laboratories AN607 Datasheet HTML 41Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
AN607
38
Rev. 1.7
A PPENDIX E—T HERMAL M ODEL FOR A S ENSOR ON A
P ADDLE
To illustrate some considerations for separating the sensor from the system, consider the following practical
example of the sensor on a 3 cm x 3 cm PCB connected by a 1 cm wide piece of PCB material 3 cm long:
Figure 14. Sensor on a 3x3 cm PCB
Referring to the thermal model discussed in “3.2. Temperature and Humidity Sensor Placement” :
Figure 15. General Thermal Model for Sensor Placement
3cm
3cm
1cm
3 cm
Sensor
Tambient
Sensor
Tambient
System
R3
R2
R1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com