Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 32Page - Infineon Technologies AG PEB2256HT Datasheet HTML 33Page - Infineon Technologies AG PEB2256HT Datasheet HTML 34Page - Infineon Technologies AG PEB2256HT Datasheet HTML 35Page - Infineon Technologies AG PEB2256HT Datasheet HTML 36Page - Infineon Technologies AG PEB2256HT Datasheet HTML 37Page - Infineon Technologies AG PEB2256HT Datasheet HTML 38Page - Infineon Technologies AG PEB2256HT Datasheet HTML 39Page - Infineon Technologies AG PEB2256HT Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
36
2002-08-27
•
Table 3
Pin Definitions - Clock Generation
Pin
No.
Pin
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function
73
C4
MCLK
I
Master Clock
A reference clock of better than ± 32 ppm
accuracy in the range of 1.02 to 20 MHz must
be provided on this pin. The FALC®56
internally derives all necessary clocks from this
master
(see registers GCM(6:1)).
79
A2
SYNC
I + PU
Clock Synchronization of DCO-R
If a clock is detected on pin SYNC the
DCO-R circuitry of the FALC
®56 synchronizes
to this 1.544/2.048 MHz clock (see LIM0.MAS,
CMR1.DCS and CMR2.DCF). Additionally, in
master mode the FALC
®56 is able to
synchronize to an 8-kHz reference clock
(IPC.SSYF = 1). If not connected, an internal
pullup transistor ensures high input level.
76
B4
CLK1
O + PU
System Clock of DCO-R
Output of the de-jittered system clock
generated by the DCO-R circuit. Frequency
selection is done by setting control bits in PC5/
6.
E1: 16.384 MHz, 8.192 MHz, 4.096 MHz,
2.048 MHz or 8 kHz
T1/J1: 16.384 MHz, 12.352 MHz, 8.192 MHz,
6.176 MHz, 4.096 MHz, 3.088 MHz, 2.048
MHz, 1.544 MHz or 8 kHz
After reset this output is inactive and internally
pulled high.
Note: If DCO-R is not active, no clock is output
on pin CLK1 (SIC1.RBS(1:0) = 11 and
CMR1.RS1 = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com