Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG PEB2256HT Datasheet HTML 74Page - Infineon Technologies AG PEB2256HT Datasheet HTML 75Page - Infineon Technologies AG PEB2256HT Datasheet HTML 76Page - Infineon Technologies AG PEB2256HT Datasheet HTML 77Page - Infineon Technologies AG PEB2256HT Datasheet HTML 78Page - Infineon Technologies AG PEB2256HT Datasheet HTML 79Page - Infineon Technologies AG PEB2256HT Datasheet HTML 80Page - Infineon Technologies AG PEB2256HT Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
77
2002-08-27
Because the CAS controller is working on the PCM highway side of the receive buffer,
slips disturb the CAS data.
Figure 21
2.048 MHz Receive Signaling Highway (E1)
4.1.14.5
Channel Associated Signaling CAS (E1, µP access mode)
The signaling information is carried in time slot 16 (TS16). Receive data is stored in
registers RS(16:1) aligned to the CAS multiframe boundary. The signaling controller
samples the bit stream either on the receive line side or if external signaling is enabled
on the receive system side.
The signaling procedure is done as it is described in ITU-T G.704 and G.732.
The main functions are:
• Synchronization to a CAS multiframe
• Detection of AIS and remote alarm in CAS multiframes
• Separation of CAS service bits X1 to X3
• Storing of received signaling data in registers RS(16:1) with last look capability
Updating of the received signaling information is controlled by the freeze signaling
status. The freeze signaling status is automatically activated if a loss-of-signal
(FRS0.LOS = 1), or a loss of CAS multiframe alignment (FRS1.TSL16LFA = 1) or a
receive slip occurs. The current freeze status is output on port FREEZE (RP(A:D)) and
indicated by register SIS.SFS. Optionally automatic freeze signaling can be disabled by
setting bit SIC3.DAF. If SIS.SFS is active, updating of the registers RS(16:1) is disabled.
To relieve the µP load from always reading the complete RS(16:1) buffer every 2 ms the
FALC56 notifies the µP through interrupt ISR0.CASC only when signaling changes from
F0133
A B C D
A B C D
4 5 6 7
0 1 2 3 4 5 6 7
TS31
TS0
TS1
0 0 0 0 X Y X X
0 1 2 3 4 5 6 7
TS16
A B C D
0 1 2 3 4 5 6 7
TS31
RSIG
RDO
SCLKR
FAS/NFAS
FAS/NFAS
SYPR
T
125 µs
T
= Time slot offset (RC0, RC1)
FAS
= Frame alignment signal
NFAS
= TS0 not containing FAS
ABCD
= Signaling bits for time slots 1...15 and 17...31 of CAS multiframe
0000XYXX
= CAS multiframe alignment signal in TS16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com