Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 77Page - Infineon Technologies AG PEB2256HT Datasheet HTML 78Page - Infineon Technologies AG PEB2256HT Datasheet HTML 79Page - Infineon Technologies AG PEB2256HT Datasheet HTML 80Page - Infineon Technologies AG PEB2256HT Datasheet HTML 81Page - Infineon Technologies AG PEB2256HT Datasheet HTML 82Page - Infineon Technologies AG PEB2256HT Datasheet HTML 83Page - Infineon Technologies AG PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
81
2002-08-27
4.2.2.2
Synchronization Procedure
Synchronization status is reported by bit FRS0.LFA. Framing errors are counted by the
Framing Error Counter (FEC). Asynchronous state is reached after detecting 3 or 4
consecutive incorrect FAS words or 3 or 4 consecutive incorrect service words (bit 2 = 0
in time slot 0 of every other frame not containing the frame alignment word), the selection
is done by bit RC0.ASY4. Additionally, the service word condition can be disabled. When
the framer lost its synchronization an interrupt status bit ISR2.LFA is generated.
In asynchronous state, counting of framing errors and detection of remote alarm is
stopped. AIS is automatically sent to the backplane interface (can be disabled by bit
FMR2.DAIS).
Further on the updating of the registers RSW, RSP, RSA(8:4), RSA6S and RS(16:1) is
halted (remote alarm indication, S
a/Si-Bit access).
The resynchronization procedure starts automatically after reaching the asynchronous
state. Additionally, it can be invoked user controlled by bit FMR0.FRS (force
resynchronization, the FAS word detection is interrupted until the framer is in the
asynchronous state. After that, resynchronization starts automatically).
Synchronous state is established after detecting:
• a correct FAS word in frame n,
• the presence of the correct service word (bit 2 = 1) in frame n + 1,
• a correct FAS word in frame n + 2.
If the service word in frame n + 1 or the FAS word in frame n + 2 or both are not found
searching for the next FAS word starts in frame n + 2 just after the previous frame
alignment signal.
Table 17
Transmit Transparent Mode (Doubleframe E1)
Transmit Transparent Source for
Enabled by
Framing
A-Bit
S
a-Bits
S
i-Bits
–
XSP.TT0
TSWM.TSIF
TSWM.TSIS
TSWM.TRA
TSWM.TSA(8:4)
(int. gen.)
via pin XDI
1)
(int. gen.)
(int. gen.)
(int. gen.)
(int. gen.)
1)
pin XDI or XSIG or XFIFO buffer (signaling controller)
XSW.XRA
2)
via pin XDI
XSW.XRA
XSW.XRA
via pin XDI
XSW.XRA
2)
Additionally, automatic transmission of the A-bit is selectable.
XSW.XY0…4
3)
via pin XDI
XSW.XY0…4
XSW.XY0…4
XSW.XY0…4
via pin XDI
3)
As a special extension for double frame format, the S
a-bit register can be used optionally.
XSW.XSIS, XSP.XSIF
via pin XDI
via pin XDI
via pin XDI
XSW.XSIS, XSP.XSIF
XSW.XSIS, XSP.XSIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com