Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 48Page - Infineon Technologies AG PEB2256HT Datasheet HTML 49Page - Infineon Technologies AG PEB2256HT Datasheet HTML 50Page - Infineon Technologies AG PEB2256HT Datasheet HTML 51Page - Infineon Technologies AG PEB2256HT Datasheet HTML 52Page - Infineon Technologies AG PEB2256HT Datasheet HTML 53Page - Infineon Technologies AG PEB2256HT Datasheet HTML 54Page - Infineon Technologies AG PEB2256HT Datasheet HTML 55Page - Infineon Technologies AG PEB2256HT Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1/T1/J1
Data Sheet
52
2002-08-27
3.3
Functional Blocks
3.3.1
Microprocessor Interface
The communication between the CPU and the FALC56 is done using a set of directly
accessible registers. The interface can be configured as Intel or Motorola type with a
selectable data bus width of 8 or 16 bits.
The CPU transfers data to and from the FALC56 (through 64-byte deep FIFOs per
direction), sets the operating modes, controls function sequences, and gets status
information by writing or reading control and status registers. All accesses can be done
as byte or word accesses if enabled. If 16-bit bus width is selected, access to lower/
upper part of the data bus is determined by address line A0 and signal BHE/BLE as
shown in Table 6 and Table 7.
Table 8 shows how the ALE (Address Latch Enable) line is used to control the bus
structure and interface type. The switching of ALE allows the FALC56 to be directly
connected to a multiplexed address/data bus.
3.3.1.1
Mixed Byte/Word Access to the FIFOs
Reading from or writing to the internal FIFOs (RFIFO and XFIFO) can be done using a
8-bit (byte) or 16-bit (word) access depending on the selected bus interface mode.
Randomly mixed byte/word access to the FIFOs is allowed without any restrictions.
Table 6
Data Bus Access (16-Bit Intel Mode)
BHE
A0
Register Access
FALC56 Data Pins Used
0
0
FIFO word access
Register word access (even addresses)
D(15:0)
0
1
Register byte access (odd addresses)
D(15:8)
1
0
Register byte access (even addresses)
D(7:0)
1
1
No transfer performed
None
Table 7
Data Bus Access (16-Bit Motorola Mode)
BLE
A0
Register Access
FALC56 Data Pins Used
0
0
FIFO word access
Register word access (even addresses)
D(15:0)
0
1
Register byte access (odd addresses)
D(7:0)
1
0
Register byte access (even addresses)
D(15:8)
1
1
No transfer performed
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com