Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG PEB2256HT Datasheet HTML 70Page - Infineon Technologies AG PEB2256HT Datasheet HTML 71Page - Infineon Technologies AG PEB2256HT Datasheet HTML 72Page - Infineon Technologies AG PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG PEB2256HT Datasheet HTML 74Page - Infineon Technologies AG PEB2256HT Datasheet HTML 75Page - Infineon Technologies AG PEB2256HT Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
72
2002-08-27
slip condition is detected, a negative slip (one frame or one half of the current buffer size
is skipped) or a positive slip (one frame or one half of the current buffer size is read out
twice) is performed at the system interface, depending on the difference between RCLK
and the current working clock of the receive backplane interface. I.e. on the position of
pointer R and W within the memory. A positive/negative slip is indicated in the interrupt
status bits ISR3.RSP and ISR3.RSN.
Figure 19
The Receive Elastic Buffer as Circularly Organized Memory
Limits for Slip Detection (mode dependent)
Read Pointer (System Clock controlled)
Write Pointer (Route Clock controlled)
R’
S+, S-
R
:
:
W:
Frame 2 Time Slots
S-
R
Frame 1 Time Slots
Moment of Slip Detection
ITD10952
W
S+
Slip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com