Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 51Page - Infineon Technologies AG PEB2256HT Datasheet HTML 52Page - Infineon Technologies AG PEB2256HT Datasheet HTML 53Page - Infineon Technologies AG PEB2256HT Datasheet HTML 54Page - Infineon Technologies AG PEB2256HT Datasheet HTML 55Page - Infineon Technologies AG PEB2256HT Datasheet HTML 56Page - Infineon Technologies AG PEB2256HT Datasheet HTML 57Page - Infineon Technologies AG PEB2256HT Datasheet HTML 58Page - Infineon Technologies AG PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1/T1/J1
Data Sheet
55
2002-08-27
3.3.1.3
Interrupt Interface
Special events in the FALC
® are indicated by means of a single interrupt output with
programmable characteristics (open drain or push-pull, defined by register IPC), which
requests the CPU to read status information from the FALC
®, or to transfer data from/to
the FALC
®.
Since only one INT request output is provided, the cause of an interrupt must be
determined by the CPU by reading the FALC
®’s interrupt status registers (GIS, ISR(5:0)).
The interrupt on pin INT and the interrupt status bits are reset by reading the interrupt
status registers. Register ISR(5:0) are of type “clear on read“.
The structure of the interrupt status registers is shown in Figure 10.
Figure 10
Interrupt Status Registers
Each interrupt indication of registers ISR(5:0) can be selectively masked by setting the
corresponding bit in the corresponding mask registers IMR(5:0). If the interrupt status
bits are masked they neither generate an interrupt at INT nor are they visible in ISR(5:0).
GIS, the non-maskable Global Interrupt Status Register, serves as pointer to pending
interrupts. After the FALC
® has requested an interrupt by activating its INT pin, the CPU
should first read the Global Interrupt Status register GIS to identify the requesting
IMR0
F0127 V1.0
Global
Interrupt
Status
Register GIS
ISR0
ISR0
ISR1
ISR2
ISR3
ISR4
ISR5
IMR1
ISR1
IMR2
ISR2
IMR3
ISR3
IMR4
ISR4
IMR5
ISR5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com