Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG PEB2256HT Datasheet HTML 64Page - Infineon Technologies AG PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
65
2002-08-27
Figure 16
Protection Switching Application
4.1.8
Loss-of-Signal Detection (E1)
There are different definitions for detecting Loss-Of-Signal (LOS) alarms in the ITU-T
G.775 and ETS 300233. The FALC56 covers all these standards. The LOS indication is
performed by generating an interrupt (if not masked) and activating a status bit.
Additionally a LOS status change interrupt is programmable by using register GCR.SCI.
• Detection:
An alarm is generated if the incoming data stream has no pulses (no transitions) for a
certain number (N) of consecutive pulse periods. “No pulse” in the digital receive
interface means a logical zero on pins RDIP/RDIN/ROID. A pulse with an amplitude
less than Q dB below nominal is the criteria for “no pulse” in the analog receive
interface (LIM1.DRS = 0). The receive signal level Q is programmable by three control
E1/T1/J1
Receive Line
FALC®
(active)
RL1
RL2
RDO
FALC®
(stand by)
RL1
RL2
RDO
XL1
XL2
E1/T1/J1
Transmit
Line
XDI
XL1
XL2
XDI
TRIST
TRIST
1
F0075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com