Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 54Page - Infineon Technologies AG PEB2256HT Datasheet HTML 55Page - Infineon Technologies AG PEB2256HT Datasheet HTML 56Page - Infineon Technologies AG PEB2256HT Datasheet HTML 57Page - Infineon Technologies AG PEB2256HT Datasheet HTML 58Page - Infineon Technologies AG PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1/T1/J1
Data Sheet
58
2002-08-27
If no boundary scan operation is used, TRS has to be connected to RST or V
SS. TMS,
TCK and TDI do not need to be connected since pullup transistors ensure high input
levels in this case.
Test handling (boundary scan operation) is performed using the pins TCK (Test Clock),
TMS (Test Mode Select), TDI (Test Data Input) and TDO (Test Data Output) when the
TAP controller is not in its reset state, that means TRS is connected to V
DD or it remains
unconnected due to its internal pull up. Test data at TDI is loaded with a clock signal
connected to TCK. "1" or "0" on TMS causes a transition from one controller state to
another; constant "1" on TMS leads to normal operation of the chip.
An input pin (I) uses one boundary scan cell (data in), an output pin (O) uses two cells
(data out and enable) and an I/O-pin (I/O) uses three cells (data in, data out and enable).
Note that most functional output and input pins of the FALC56 are tested as I/O pins in
boundary scan, hence using three cells. The desired test mode is selected by serially
loading a 8-bit instruction code into the instruction register through TDI (LSB first).
EXTEST is used to examine the interconnection of the devices on the board. In this test
mode at first all input pins capture the current level on the corresponding external
interconnection line, whereas all output pins are held at constant values ("0" or "1"). Then
the contents of the boundary scan is shifted to TDO. At the same time the next scan
vector is loaded from TDI. Subsequently all output pins are updated according to the new
boundary scan contents and all input pins again capture the current external level
afterwards, and so on.
SAMPLE is a test mode which provides a snapshot of pin levels during normal operation.
IDCODE: A 32-bit identification register is serially read out on pin TDO. It contains the
version number (4 bits), the device code (16 bits) and the manufacturer code (11 bits).
The LSB is fixed to "1".
The ID code field is set to: 0001 0000 0000 0101 1001 0000 1000 0011
Version = 3
H, Part Number = 0059H, Manufacturer = 083H (including LSB, fixed to "1")
BYPASS: A bit entering TDI is shifted to TDO after one TCK clock cycle.
An alphabetical overview of all TAP controller operation codes is given in Table 9.
Table 9
TAP Controller Instruction Codes
TAP Instruction
Instruction Code
BYPASS
11111111
EXTEST
00000000
IDCODE
00000100
SAMPLE
00000001
reserved for device test
01010011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com