Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 52Page - Infineon Technologies AG PEB2256HT Datasheet HTML 53Page - Infineon Technologies AG PEB2256HT Datasheet HTML 54Page - Infineon Technologies AG PEB2256HT Datasheet HTML 55Page - Infineon Technologies AG PEB2256HT Datasheet HTML 56Page - Infineon Technologies AG PEB2256HT Datasheet HTML 57Page - Infineon Technologies AG PEB2256HT Datasheet HTML 58Page - Infineon Technologies AG PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1/T1/J1
Data Sheet
56
2002-08-27
interrupt source register. After reading the assigned interrupt status registers ISR(5:0),
the pointer in register GIS is cleared or updated if another interrupt requires service.
If all pending interrupts are acknowledged by reading (GIS is reset), pin INT goes
inactive.
Updating of interrupt status registers ISR(5:0) and GIS is only prohibited during read
access.
Masked Interrupts Visible in Status Registers
• The Global Interrupt Status register (GIS) indicates those interrupt status registers
with active interrupt indications (GIS.ISR(5:0)).
• An additional mode can be selected via bit GCR.VIS.
• In this mode, masked interrupt status bits neither generate an interrupt on pin INT nor
are they visible in GIS, but are displayed in the corresponding interrupt status
register(s) ISR(5:0).
This mode is useful when some interrupt status bits are to be polled in the individual
interrupt status registers.
Note: In the visible mode, all active interrupt status bits, whether the corresponding
actual interrupt is masked or not, are reset when the interrupt status register is
read. Thus, when polling of some interrupt status bits is desired, care must be
taken that unmasked interrupts are not lost in the process.
Note: All unmasked interrupt statuses are treated as before.
Please note that whenever polling is used, all interrupt status registers concerned have
to be polled individually (no “hierarchical” polling possible), since GIS only contains
information on actually generated, i.e. unmasked interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com