Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG PEB2256HT Datasheet HTML 64Page - Infineon Technologies AG PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG PEB2256HT Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
66
2002-08-27
bits LIM1.RIL(2:0) (see Chapter 11.3 on page 447). The number N can be set by an
8-bit register (PCD). The contents of the PCD register is multiplied by 16, which results
in the number of pulse periods, i.e. the time which has to suspend until the alarm has
to be detected. The programmable range is 16 to 4096 pulse periods. ETS300233
requires detection intervals of at least 1 ms. This time period results always in a LFA
(Loss of Frame Alignment) before a LOS is detected.
• Recovery:
In general the recovery procedure starts after detecting a logical one (digital receive
interface) or a pulse (analog receive interface) with an amplitude more than Q dB
(defined by LIM1.RIL(2:0)) of the nominal pulse. The value in the 8-bit register PCR
defines the number of pulses (1 to 255) to clear the LOS alarm.
If a loss-of-signal condition is detected in long-haul mode, the data stream can optionally
be cleared automatically to avoid bit errors before LOS is indicated. The selection is
done by LIM1.CLOS = 1.
4.1.9
Receive Jitter Attenuator (E1)
The receive jitter attenuator is placed in the receive path. The working clock is an
internally generated high frequency clock based on the clock provided on pin MCLK. The
jitter attenuator meets the requirements of ITU-T I.431, G. 736 to 739, G.823 and ETSI
TBR12/13.
The internal PLL circuitry DCO-R generates a "jitter-free" output clock which is directly
dependent on the phase difference of the incoming clock and the jitter attenuated
clock.The receive jitter attenuator can be synchronized either on the extracted receive
clock RCLK or on a 2.048-MHz/8-kHz clock provided on pin SYNC (8 kHz in master
mode only). The received data is written into the receive elastic buffer with RCLK and
are read out with the de-jittered clock sourced by DCO-R. The jitter attenuated clock can
be output on pins RCLK, CLK1 or SCLKR. Optionally an 8-kHz clock is provided on pin
SEC
⁄FSC.
The DCO-R circuitry attenuates the incoming jittered clock starting at 2-Hz jitter
frequency with 20 dB per decade fall-off. Wander with a jitter frequency below 2 Hz is
passed unattenuated. The intrinsic jitter in the absence of any input jitter is < 0.02 UI.
For some applications it might be useful starting of jitter attenuation at lower frequencies.
Therefore the corner frequency is switchable by the factor of ten down to 0.2 Hz
(LIM2.SCF).
The DCO-R circuitry is automatically centered to the nominal bit rate if the reference
clock on pin SYNC/RCLK is missed for 2, 3 or 4 of the 2.048-MHz clock periods. This
center function of DCO-R can be disabled (CMR2.DCF = 1) in order to accept a gapped
reference clock. In analog line interface mode RCLK is always running. Only in digital
line interface mode with single-rail data a gapped clock can occur.
The receive jitter attenuator works in two different modes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com