Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
100
2002-08-27
4.4.7.2
Support of Signaling System #7
The HDLC controller of channel 1 supports the signaling system #7 (SS7) which is
described in ITU-Q.703. The following description assumes, that the reader is familiar
with the SS7 protocol definition.
SS7 support must be activated by setting the MODE register. Data stored in the transmit
FIFO (XFIFO) is sent automatically. The SS7 protocol is supported by the following
hardware features in transmit direction:
• transmission of flags at the beginning of each Signaling Unit
• bit stuffing (zero insertion)
• calculation of the CRC16 checksum:
The transmitter adds the checksum to each Signaling Unit.
Each Signaling Unit written to the transmit FIFO (XFIFO, 2
×32 bytes) is sent once or
repeatedly including flags, CRC checksum and stuffed bits. After e.g. an MSU has been
transmitted completely, the FALC56 optionally starts sending of FISUs containing the
forward sequence number (FSN) and the backward sequence number (BSN) of the
previously transmitted Signaling Unit. Setting bit CCR5.AFX causes Fill In Signaling
Units (FISUs) to be sent continuously, if no HDLC or Signaling Unit (SU) is to be
transmitted from XFIFO. During update of XFIFO, automatic transmission is interrupted
and resumed after update is completed. The internally generated FISUs contain FSN
and BSN of the last transmitted Signaling Unit written to XFIFO.
Using CMDR.XREP = 1, the contents of XFIFO can be sent continuously. Clearing of
CMDR.XRES/SRES stops the automatic repetition of transmission. This function is also
available for HDLC frames, so no flag generation, CRC byte generation and bit stuffing
is necessary.
Example: After an MSU has been sent repetitively and XREP has been cleared, FISUs
are sent automatically.
4.4.7.3
S
a-Bit Access (E1)
The FALC56 supports the S
a-bit signaling of time slot 0 of every other frame as follows:
• the access through register XSW
• the access through registers XSA(8:4), capable of storing the information for a
complete multiframe
• the access through the 64 byte deep XFIFO of the signaling controller (HDLC channel
1 only)
This S
a-bit access gives the opportunity to transparent a bit stream as well as HDLC
frames where the signaling controller automatically processes the HDLC protocol. Any
combination of S
a-bits which shall be inserted in the outgoing data stream can be
selected by XC0.SA(8:4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com