Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG PEB2256HT Datasheet HTML 70Page - Infineon Technologies AG PEB2256HT Datasheet HTML 71Page - Infineon Technologies AG PEB2256HT Datasheet HTML 72Page - Infineon Technologies AG PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
69
2002-08-27
4.1.10
Jitter Tolerance (E1)
The FALC56 receiver’s tolerance to input jitter complies with ITU for CEPT applications.
Figure 18 shows the curves of different input jitter specifications stated below as well as
the FALC56 performance.
Figure 18
Jitter Tolerance (E1)
4.1.11
Output Jitter (E1)
In the absence of any input jitter the FALC56 generates the output jitter, which is
specified in theTable 14 below.
Table 14
Output Jitter (E1)
Specification
Measurement Filter Bandwidth
Output Jitter
(UI peak to peak)
Lower Cutoff
Upper Cutoff
ITU-T I.431
20 Hz
100 kHz
< 0.015
700 Hz
100 kHz
< 0.015
ETSI TBR 12
40 Hz
100 kHz
< 0.11
Jitter Frequency
1
10
100
1000
10000
100000
Hz
UI
1
0.1
10
100
1000
PUB 62411
TR-NWT 000499 Cat II
CCITT G.823
ITU-T I.431
FALC®
F0025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com