Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 78Page - Infineon Technologies AG PEB2256HT Datasheet HTML 79Page - Infineon Technologies AG PEB2256HT Datasheet HTML 80Page - Infineon Technologies AG PEB2256HT Datasheet HTML 81Page - Infineon Technologies AG PEB2256HT Datasheet HTML 82Page - Infineon Technologies AG PEB2256HT Datasheet HTML 83Page - Infineon Technologies AG PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
82
2002-08-27
Reaching the synchronous state causes a frame alignment recovery interrupt status
ISR2.FAR if enabled. Undisturbed operation starts with the beginning of the next
doubleframe.
4.2.2.3
A-Bit Access
If the FALC56 detects a remote alarm indication in the received data stream the interrupt
status bit ISR2.RA is set. With setting of bit XSW.XRA a remote alarm (RAI) is sent to
the far end.
By setting FMR2.AXRA the FALC56 automatically transmit the remote alarm bit = 1 in
the outgoing data stream if the receiver detects a loss of frame alignment FRS0.LFA = 1.
If the receiver is in synchronous state FRS0.LFA = 0 the remote alarm bit is reset.
Note: The A-bit can be processed by the system interface. Setting bit TSWM.TRA
enables transparency for the A-bit in transmit direction (refer to Table 16).
4.2.2.4
S
a-Bit Access
As an extension for access to the S
a-bits through registers RSA(8:4)/XSA(8:4) an option
is implemented to allow the usage of internal S
a-bit registers RSA(8:4)/XSA(8:4) in
doubleframe format.
This function is enabled by setting FMR1.ENSA = 1 for the transmitter and
FMR1.RFS(1:0) = 01 for the receiver. In this case the FALC56 internally works with a 16-
frame structure but no CRC multiframe alignment/generation is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com