Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 93Page - Infineon Technologies AG PEB2256HT Datasheet HTML 94Page - Infineon Technologies AG PEB2256HT Datasheet HTML 95Page - Infineon Technologies AG PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
97
2002-08-27
Figure 24
Transmit Clock System (E1)
Note: DR = Dual-Rail interface
DCO-X Digital Controlled Oscillator transmit
4.4.4
Transmit Elastic Buffer (E1)
The received bit stream from pin XDI is optionally stored in the transmit elastic buffer.
The memory is organized as the receive elastic buffer. The functions are also equal to
the receive side. Programming of the transmit buffer size is done by SIC1.XBS1/0:
• XBS1/0 = 00: Bypass of the transmit elastic buffer
• XBS1/0 = 01: one frame buffer or 256 bits
Maximum of wander amplitude (peak-to-peak): 100 UI (1 UI = 488 ns)
average delay after performing a slip: 128 bits
• XBS1/0 = 10: two frame buffer or 512 bits
Maximum of wander amplitude: 190 UI
average delay after performing a slip: 1 frame or 256 bits
• XBS1/0 = 11: short buffer or 92 bits:
Maximum of wander amplitude: 18 us
average delay after performing a slip: 46 bits
The functions of the transmit buffer are:
ITS10305
Pulse Shaper
D
Jitter
Framer
SCLKX
XL1/
XDOP/
XL2/
XDON
XCLK
A
XOID
DR
DR
Elastic
Store
XDI
RCLK
TCLK
Transmit
Attenuator
DCO-X
SCLKR
Internal Clock of
Receive System
TCLK
÷ 4
Clocking
Unit
MCLK
(E1: 8MHz)
Interface
Transmit
(T1: 6MHz)
E1: 8MHz
T1: 6MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com