Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG PEB2256HT Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
101
2002-08-27
4.4.7.4
Channel Associated Signaling CAS (E1, serial mode)
In external signaling mode (serial mode) the signaling data received on port XSIG is
sampled with the working clock of the transmit system interface (SCLKX) in combination
with the transmit synchronization pulse (SYPX). Data on XSIG is latched in the bit
positions 5 to 8 per time slot, bits 1 to 4 are ignored. Time slots 0 and 16 are sampled
completely (bit 1 to 8). The received CAS multiframe is inserted frame aligned into the
data stream on XDI and must be valid during the last frame of a multiframe if CRC4/
multiframe mode is selected. The CAS multiframe is aligned to the CRC4-multiframe;
other frames are ignored. Data sourced by the internal signaling controller (µP access
mode) overwrites the external signaling data.
If the FALC56 is configured for no signaling, the system interface data stream passes
the FALC56 undisturbedly.
Note: CAS data on XSIG is read in the last frame of a multiframe only and ignored in all
other frames.
Figure 26
2.048 MHz Transmit Signaling Highway (E1)
4.4.7.5
Channel Associated Signaling CAS (E1, µP access mode)
Transmit data stored in registers XS(16:1) is transmitted on a multiframe boundary in
time slot 16. The signaling controller inserts the bit stream either on the transmit line side
or, if external signaling is enabled, on the transmit system side using pin function XSIG.
Data sourced by the internal signaling controller overwrites the external signaling data.
If the FALC56 is configured for no signaling, the system interface data stream passes
the FALC56 undisturbedly.
F0132
A B C D
A B C D
4 5 6 7
0 1 2 3 4 5 6 7
TS31
TS0
TS1
0 0 0 0 X Y X X
0 1 2 3 4 5 6 7
TS16
A B C D
0 1 2 3 4 5 6 7
TS31
XSIG
XDI
SCLKX
FAS/NFAS
FAS/NFAS
SYPX
T
125 µs
T
= Time slot offset (XC0, XC1)
FAS
= Frame alignment signal, is taken from XSIG, not from XDI
NFAS
= TS0 not containing FAS
ABCD
= Signaling bits for time slots 1...15 and 17...31 of CAS multiframe
0000XYXX
= CAS multiframe alignment signal, has to be provided in TS16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com