Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG PEB2256HT Datasheet HTML 105Page - Infineon Technologies AG PEB2256HT Datasheet HTML 106Page - Infineon Technologies AG PEB2256HT Datasheet HTML 107Page - Infineon Technologies AG PEB2256HT Datasheet HTML 108Page - Infineon Technologies AG PEB2256HT Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
105
2002-08-27
4.5.1
Receive System Interface (E1)
Figure 28
Receive System Interface Clocking (E1)
ITD10951
FRAME 1 FRAME 2 FRAME 3
FRAME 15 FRAME 16 FRAME 1 FRAME 2
FRAME 15
Bit 255
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7
Bit 2
Bit 1
Bit 0
Bit 255
T
Multi Frame 1
Multi Frame 2
4 Mbit Interface
2 Mbit Interface
Programmable via RC0/1
RDO
RMFB
SYPR
SYPR
SCLKR
8.192 MHz
2.048 MHz
SCLKR
2 Mbit/s Data Rate
RDO/RSIG
TS0
RDO/RSIG
(SCLKR = 8.192 MHz)
4 Mbit/s Data Rate
DLR
Sa-Bit Marker
XC0 . SA8E-SA4E
Receive Frame Marker
RFM
RC0/1
RSIGM
Time-Slot Marker
RTR1...4
4 Mbit/s Data Rate
(SCLKR = 8.192 MHz)
RDO/RSIG
Trigger
Edge
Edge
Sample
marks any
Sa Bit
bit position
marks any
marks any
Time-Slot
4 Mbit Interface
2 Mbit Interface
Bit 3 Bit 4 Bit 5 Bit 6 Bit 7
1)
only falling trigger edge shown, depending on Bit SIC3.RESR
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com