Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG PEB2256HT Datasheet HTML 105Page - Infineon Technologies AG PEB2256HT Datasheet HTML 106Page - Infineon Technologies AG PEB2256HT Datasheet HTML 107Page - Infineon Technologies AG PEB2256HT Datasheet HTML 108Page - Infineon Technologies AG PEB2256HT Datasheet HTML 109Page - Infineon Technologies AG PEB2256HT Datasheet HTML 110Page - Infineon Technologies AG PEB2256HT Datasheet HTML 111Page - Infineon Technologies AG PEB2256HT Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
108
2002-08-27
Figure 31
RFM Offset Programming (2.048 Mbit/s, 2.048 MHz)
Figure 32
RFM Offset Programming (8.192 Mbit/s, 8.192 MHz)
F0221C
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
RDO
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
TS0
TS1
TS31
TS0
TS1
RFM
SCLKR
SIC3.RESR = 0
(falling edge)
SCLKR
SIC3.RESR = 1
(rising edge)
BP = 0
RFM
RFM
BP = 12
BP = 251
F0221D
RDO (CP0)
SCLKR
SIC3.RESR = 0
(falling edge)
SCLKR
SIC3.RESR = 1
(rising edge)
byte-interleaved (TS = time slot, CP = channel phase)
1 2 3 4
TS31-CP3
RFM
BP = 0
RFM
RFM
BP = 12
BP = 1020
5 6 7 8
TS0 - CP0
TS0 - CP1
1 2 3 4 5 6 7 8
TS0 - CP0
TS0 - CP1
RDO (CP1)
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
RDO (CP3)
1 2 3 4 5 6 7 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com