Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 111 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 111 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 107Page - Infineon Technologies AG PEB2256HT Datasheet HTML 108Page - Infineon Technologies AG PEB2256HT Datasheet HTML 109Page - Infineon Technologies AG PEB2256HT Datasheet HTML 110Page - Infineon Technologies AG PEB2256HT Datasheet HTML 111Page - Infineon Technologies AG PEB2256HT Datasheet HTML 112Page - Infineon Technologies AG PEB2256HT Datasheet HTML 113Page - Infineon Technologies AG PEB2256HT Datasheet HTML 114Page - Infineon Technologies AG PEB2256HT Datasheet HTML 115Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
111
2002-08-27
4.5.2.1
Transmit Offset Programming
The pulse length of SYPX is always the basic E1 bit width (488 ns), independent of the
selected system highway clock and data frequency.
SYPX Offset Calculation
T:
Time between beginning of SYPX pulse and beginning of next frame
(time slot 0, bit 0), measured in number of SCLKX clock intervals
maximum delay: T
max =(256 × SC/SD)-1
SD:
Basic data rate; 2.048 Mbit/s
SC:
System clock rate; 2.048, 4.096, 8.192, or 16.384 MHz
X:
Programming value to be written to registers XC0 and XC1 (see page 237).
0
≤ T ≤ 4:
X = 4 - T
5
≤ T ≤ T
max: X = 256 × SC/SD - T + 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com