Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG PEB2256HT Datasheet HTML 104Page - Infineon Technologies AG PEB2256HT Datasheet HTML 105Page - Infineon Technologies AG PEB2256HT Datasheet HTML 106Page - Infineon Technologies AG PEB2256HT Datasheet HTML 107Page - Infineon Technologies AG PEB2256HT Datasheet HTML 108Page - Infineon Technologies AG PEB2256HT Datasheet HTML 109Page - Infineon Technologies AG PEB2256HT Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
106
2002-08-27
4.5.1.1
Receive Offset Programming
Depending on the selection of the synchronization signals (SYPR or RFM), different
calculation formulas are used to define the position of the synchronization pulses. These
formulas are given below, see Figure 29 to Figure 32 for explanation. The pulse length
of SYPR and RFM is always the basic E1 bit width (488 ns), independent of the selected
system highway clock and data frequency.
SYPR Offset Calculation
T:
Time between beginning of SYPR pulse and beginning of next frame
(time slot 0, bit 0), measured in number of SCLKR clock intervals
maximum delay: T
max =(256 × SC/SD)-1
SD:
Basic data rate; 2.048 Mbit/s
SC:
System clock rate; 2.048, 4.096, 8.192, or 16.384 MHz
X:
Programming value to be written to registers RC0 and RC1 (see page 239).
0
≤ T ≤ 4:
X = 4 - T
5
≤ T ≤ T
max: X = 2052 - T
RFM Offset Calculation
MP:
Marker position of RFM, counting in SCLKR clock cycles
(0 = bit 1, time slot 0, channel phase 0)
SC = 2.048 MHz:
0
≤ MP ≤ 255
SC = 4.096 MHz:
0
≤ MP ≤ 511
SC = 8.192 MHz:
0
≤ MP ≤ 1023
SC = 16.384 MHz:
0
≤ MP ≤ 2047
SD:
Basic data rate; 2.048 Mbit/s
SC:
System clock rate; 2.048, 4.096, 8.192, or 16.384 MHz
X:
Programming value to be written to registers RC0 and RC1 (see page 239).
0
≤ MP ≤ 2045: X = MP + 2
2046
≤ MP ≤ 2047: X = MP - 2046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com