Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 481 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 481 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 477Page - Infineon Technologies AG PEB2256HT Datasheet HTML 478Page - Infineon Technologies AG PEB2256HT Datasheet HTML 479Page - Infineon Technologies AG PEB2256HT Datasheet HTML 480Page - Infineon Technologies AG PEB2256HT Datasheet HTML 481Page - Infineon Technologies AG PEB2256HT Datasheet HTML 482Page - Infineon Technologies AG PEB2256HT Datasheet HTML 483Page - Infineon Technologies AG PEB2256HT Datasheet HTML 484Page - Infineon Technologies AG PEB2256HT Datasheet HTML 485Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 490 page
background image
FALC56 V1.2
PEB 2256
Appendix
Data Sheet
481
2002-08-27
13.2
Application Notes
Several application notes and technical documentation provide additional information.
Online access to supporting information is available on the internet page:
http://www.infineon.com/falc
On the same page you find as well the
• Boundary Scan File for FALC56 Version 1.2 (BSDL File)
13.3
Software Support
The following software package is provided together with the FALC56 Reference System
EASY2256:
• E1 and T1 driver functions supporting different ETSI, AT&T and Telcordia (former:
Bellcore) requirements
• IBIS model for FALC56 Version 1.2 (according to ANSI/EIA-656)
• Flexible Master Clock Calculator
• External Line Front End Calculator
To make system design easier, two software tools are available. The first is the "Master
Clock Frequency Calculator", which calculates the required register settings depending
on the external master clock frequency (MCLK). The second is the "External Line Front
End Calculator" which provides an easy method to optimize the external components
depending on the selected application type. Calculation results are traced an can be
stored in a file or printed out for documentation. The tools run under a Win9x/NT
environment.
Screenshots of both programs are shown in Figure 109 and Figure 110 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com