Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 36 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6679 Datasheet HTML 32Page - Analog Devices AD6679 Datasheet HTML 33Page - Analog Devices AD6679 Datasheet HTML 34Page - Analog Devices AD6679 Datasheet HTML 35Page - Analog Devices AD6679 Datasheet HTML 36Page - Analog Devices AD6679 Datasheet HTML 37Page - Analog Devices AD6679 Datasheet HTML 38Page - Analog Devices AD6679 Datasheet HTML 39Page - Analog Devices AD6679 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 36 of 81
VIRTUAL CONVERTER MAPPING
The AD6679 contains a configurable signal path that allows
different features to be enabled for different applications. These
features are controlled through the chip application mode
register (0x200). The chip operating mode is controlled by
Bits[3:0] and the Chip Q ignore is controlled by Bit 5.
The AD6679 contains the following digital features:
•
Two analog-to-digital converter (ADC) cores
•
Four digital downconverter (DDC) channels
•
Two noise shaped requantizer (NSR) blocks with optional
decimate by two blocks
•
Two variable dynamic range (VDR) blocks
After the chip application mode has been selected, the output
decimation ratio is set using the chip decimation ratio in
Register 0x201, Bits[2:0]. The output sample rate is the ADC
sample rate divided by the chip decimation ratio.
To support the different application layer modes, the AD6679
treats each sample stream (real or I or Q) as originating from
separate virtual converters. Table 12 shows the number of
virtual converters required for each chip mode.
The AD6679 supports up to four digital DDC blocks. Each
DDC block outputs either two sample streams (I/Q) for the
complex data components (real + imaginary) or one sample
stream for real (I) data. The AD6679 can be configured to use up
to eight virtual converters depending on the DDC configuration.
Figure 60 shows the virtual converters and their relationship to
DDC outputs when complex outputs are used.
Table 12 shows the virtual converter mapping for each chip
operating mode when channel swapping is disabled.
Table 12. Virtual Converter Mapping
No. of
Virtual
Converters
Supported
Chip
Operating
Mode
(Register
0x200[3:0])
Chip Q
Ignore
(Register
0x200[5])
Virtual Converter Mapping1
0
1
2
3
4
5
6
7
1
One DDC
mode (0x1)
Real
(I only)
(0x1)
DDC 0
I samples
N/A
N/A
N/A
N/A
N/A
N/A
N/A
2
One DDC
mode (0x1)
Complex
(I/Q)
(0x0)
DDC 0
I samples
DDC 0
Q samples
N/A
N/A
N/A
N/A
N/A
N/A
2
Two DDC
mode (0x2)
Real
(I only)
(0x1)
DDC 0
I samples
DDC 1
I samples
N/A
N/A
N/A
N/A
N/A
N/A
4
Two DDC
mode (0x2)
Complex
(I/Q)
(0x0)
DDC 0
I samples
DDC 0
Q samples
DDC 1
I samples
DDC 1
Q samples
N/A
N/A
N/A
N/A
4
Four DDC
mode (0x3)
Real
(I only)
(0x1)
DDC 0
I samples
DDC 1
I samples
DDC 2
I samples
DDC 3
I samples
N/A
N/A
N/A
N/A
8
Four DDC
mode (0x3)
Complex
(I/Q)
(0x0)
DDC 0
I samples
DDC 0
Q samples
DDC 1
I samples
DDC 1
Q samples
DDC 2
I samples
DDC 2
Q samples
DDC 3
I samples
DDC 3
Q samples
1 to 2
NSR mode
(0x7)
Real or
complex
(0x0)
ADC A
samples
ADC B
samples
N/A
N/A
N/A
N/A
N/A
N/A
1 to 2
VDR mode
(0x8)
Real or
complex
(0x0)
ADC A
samples
ADC B
samples
N/A
N/A
N/A
N/A
N/A
N/A
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com