Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 56 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6679 Datasheet HTML 52Page - Analog Devices AD6679 Datasheet HTML 53Page - Analog Devices AD6679 Datasheet HTML 54Page - Analog Devices AD6679 Datasheet HTML 55Page - Analog Devices AD6679 Datasheet HTML 56Page - Analog Devices AD6679 Datasheet HTML 57Page - Analog Devices AD6679 Datasheet HTML 58Page - Analog Devices AD6679 Datasheet HTML 59Page - Analog Devices AD6679 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 56 of 81
NOISE SHAPING REQUANTIZER (NSR)
When operating the AD6679 with the NSR enabled, a
decimating half-band filter that is optimized at certain input
frequency bands can also be enabled. This filter offers the user
the flexibility in signal bandwidth process and image rejection.
Careful frequency planning can offer advantages in analog
filtering preceding the ADC. The filter can function either in
high-pass or low-pass mode. The filter can be optionally
enabled on the AD6679 when the NSR is enabled. When
operating with NSR enabled, the decimating half-band filter
mode (low pass or high pass) is selected by setting Bit 7 in
Register 0x41E.
DECIMATING HALF-BAND FILTER
The AD6679 optional decimating half-band filter reduces the
input sample rate by a factor of 2 while rejecting aliases that fall
into the band of interest. For an input sample clock of 500 MHz,
this reduces the output sample rate to 250 MSPS. This filter is
designed to provide >40 dB of alias protection for 39.5% of the
output sample rate (79% of the Nyquist band). For an ADC
sample rate of 500 MSPS, the filter provides a maximum usable
bandwidth of 98.75 MHz.
Half-Band Filter Coefficients
The 19-tap, symmetrical, fixed-coefficient half-band filter has
low power consumption due to its polyphase implementation.
Table 26 lists the coefficients of the half-band filter in low-pass
mode. In high-pass mode, Coefficient C9 is multiplied by −1.
The normalized coefficients used in the implementation and
the decimal equivalent values of the coefficients are listed.
Coefficients not listed in Table 26 are 0s.
Table 26. Fixed Coefficients for Half-Band Filter
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(12-Bit)
0
0.012207
25
C2, C16
−0.022949
−47
C4, C14
0.045410
93
C6, C12
−0.094726
−194
C8, C10
0.314453
644
C9
0.500000
1024
Half-Band Filter Features
The half-band decimating filter provides approximately 39.5%
of the output sample rate in usable bandwidth (19.75% of the
input sample clock). The filter provides >40 dB of rejection. The
normalized response of the half-band filter in low-pass mode is
shown in Figure 72. In low-pass mode, operation is allowed in
the first Nyquist zone, which includes frequencies of up to fS/2,
where fS is the decimated sample rate. For example, with an
input clock of 500 MHz, the output sample rate is 250 MSPS
and fS/2 = 125 MHz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.05
0.10 0.150 0.20
0.25
NORMALIZED FREQUENCY (×
RAD/SAMPLE)
0.30
0.35
0.40
0.45
0.50
Figure 72. Low-Pass Half-Band Filter Response
The half-band filter can also be utilized in high-pass mode. The
usable bandwidth remains at 39.5% of the output sample rate
(19.75% of the input sample clock), which is the same as in low-
pass mode). Figure 73 shows the normalized response of the
half-band filter in high-pass mode. In high-pass mode, operation
is allowed in the second and third Nyquist zones, which includes
frequencies from fS/2 to 3fS/2, where fS is the decimated sample
rate. For example, with an input clock of 500 MHz, the output
sample rate is 250 MSPS, fS/2 = 125 MHz, and 3fS/2 = 375 MHz.
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.1
0.2
0.3
0.4
0.5
NORMALIZED FREQUENCY (×
π RAD/SAMPLE)
0.6
0.7
0.8
0.9
1.0
Figure 73. High-Pass Half-Band Filter Response
NSR OVERVIEW
The AD6679 features an NSR to allow higher than 9-bit SNR to
be maintained in a subset of the Nyquist band. The harmonic
performance of the receiver is unaffected by the NSR feature.
When enabled, the NSR contributes an additional 3.0 dB of loss
to the input signal, such that a 0 dBFS input is reduced to
−3.0 dBFS at the output pins. This loss does not degrade the SNR
performance of the AD6679.
The NSR feature can be independently controlled per channel
via the SPI.
Two different bandwidth modes are provided; select the mode
from the SPI port. In each of the two modes, the center frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com