Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6679 Datasheet HTML 2Page - Analog Devices AD6679 Datasheet HTML 3Page - Analog Devices AD6679 Datasheet HTML 4Page - Analog Devices AD6679 Datasheet HTML 5Page - Analog Devices AD6679 Datasheet HTML 6Page - Analog Devices AD6679 Datasheet HTML 7Page - Analog Devices AD6679 Datasheet HTML 8Page - Analog Devices AD6679 Datasheet HTML 9Page - Analog Devices AD6679 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 6 of 81
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified maximum sampling
rate, 1.0 V internal reference, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
2.06
V p-p
NOISE DENSITY2
Full
−153
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
68.9
dBFS
fIN = 170 MHz
Full
67.5
68.6
dBFS
fIN = 340 MHz
25°C
67.8
dBFS
fIN = 450 MHz
25°C
67.3
dBFS
fIN = 765 MHz
25°C
63.9
dBFS
fIN = 985 MHz
25°C
62.8
dBFS
fIN = 1950 MHz
25°C
59.0
dBFS
NSR Enabled (21% Bandwidth (BW) Mode)
fIN = 10 MHz
25°C
75.0
dBFS
fIN = 170 MHz
25°C
74.8
dBFS
fIN = 340 MHz
25°C
74.0
dBFS
fIN = 450 MHz
25°C
73.1
dBFS
fIN = 765 MHz
25°C
69.7
dBFS
fIN = 985 MHz
25°C
68.1
dBFS
fIN = 1950 MHz
25°C
64.6
dBFS
NSR Enabled (28% BW Mode)
fIN = 10 MHz
25°C
72.4
dBFS
fIN = 170 MHz
25°C
72.3
dBFS
fIN = 340 MHz
25°C
71.6
dBFS
fIN = 450 MHz
25°C
71.0
dBFS
fIN = 765 MHz
25°C
67.7
dBFS
fIN = 985 MHz
25°C
66.8
dBFS
fIN = 1950 MHz
25°C
63.1
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
68.7
dBFS
fIN = 170 MHz
Full
67
68.5
dBFS
fIN = 340 MHz
25°C
67.6
dBFS
fIN = 450 MHz
25°C
67.2
dBFS
fIN = 765 MHz
25°C
63.8
dBFS
fIN = 985 MHz
25°C
62.5
dBFS
fIN = 1950 MHz
25°C
58.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
11.1
Bits
fIN = 170 MHz
Full
10.8
10.9
Bits
fIN = 340 MHz
25°C
10.8
Bits
fIN = 450 MHz
25°C
10.8
Bits
fIN = 765 MHz
25°C
10.3
Bits
fIN = 985 MHz
25°C
10.1
Bits
fIN = 1950 MHz
25°C
9.5
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com