Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 75 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices AD6679 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 75 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x310
DDC 0 control
Mixer
select
0 = real
mixer
1 =
complex
mixer
Gain
select
0 = 0 dB
gain
1 = 6 dB
gain
IF mode
00 = variable IF mode
(mixers and NCO
enabled)
01 = 0 Hz IF mode
(mixer bypassed, NCO
disabled)
10 = fADC/4 Hz IF mode
(fADC/4 downmixing
mode)
11 = test mode (mixer
inputs forced to +FS,
NCO enabled)
Complex
to real
enable
0 =
disabled
1 =
enabled
0
Decimation rate
select
(complex to real
disabled)
11 = decimate by 2
00 = decimate by 4
01 = decimate by 8
10 = decimate by 16
(complex to real
enabled)
11 = decimate by 1
00 = decimate by 2
01 = decimate by 4
10 = decimate by 8
0x00
0x311
DDC 0 input selection
0
0
0
0
0
Q input
select
0 = Ch. A
1 = Ch. B
0
I input
select
0 = Ch. A
1 = Ch. B
0x00
0x314
DDC 0 frequency LSB
DDC 0 NCO FTW[7:0], twos complement
0x00
0x315
DDC 0 frequency MSB
X
X
X
X
DDC 0 NCO FTW[11:8], twos complement
0x00
0x320
DDC 0 phase LSB
DDC 0 NCO POW[7:0], twos complement
0x00
0x321
DDC 0 phase MSB
X
X
X
X
DDC 0 NCO POW[11:8], twos complement
0x00
0x327
DDC 0 output test
mode selection
0
0
0
0
0
Q output
test
mode
enable
0 =
disabled
1 =
enabled
from
Ch. B
0
I output
test
mode
enable
0 =
disabled
1 =
enabled
from
Ch. A
0x00
0x330
DDC 1 control
Mixer
select
0 = real
mixer
1 =
complex
mixer
Gain
select
0 = 0 dB
gain
1 = 6 dB
gain
IF mode
00 = variable IF mode
(mixers and NCO
enabled)
01 = 0 Hz IF mode
(mixer bypassed, NCO
disabled)
10 = fADC/4 Hz IF mode
(fADC/4 downmixing
mode)
11 = test mode (mixer
inputs forced to +FS,
NCO enabled)
Complex
to real
enable
0 =
disabled
1 =
enabled
0
Decimation rate
select
(complex to real
disabled)
11 = decimate by 2
00 = decimate by 4
01 = decimate by 8
10 = decimate by 16
(complex to real
enabled)
11 = decimate by 1
00 = decimate by 2
01 = decimate by 4
10 = decimate by 8
0x00
0x331
DDC 1 input selection
0
0
0
0
0
Q input
select
0 = Ch. A
1 = Ch. B
0
I input
select
0 = Ch. A
1 = Ch. B
0x05
0x334
DDC 1 frequency LSB
DDC 1 NCO FTW[7:0], twos complement
0x00
0x335
DDC 1 frequency MSB
X
X
X
X
DDC1 NCO FTW[11:8], twos complement
0x00
0x340
DDC 1 phase LSB
DDC 1 NCO POW[7:0], twos complement
0x00
0x341
DDC 1 phase MSB
X
X
X
X
DDC1 NCO POW[11:8], twos complement
0x00
0x347
DDC 1 output test
mode selection
0
0
0
0
0
Q output
test
mode
enable
0 =
disabled
1 =
enabled
from
Ch. B
0
I output
test
mode
enable
0 =
disabled
1 =
enabled
from
Ch. A
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com