Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 26 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6679 Datasheet HTML 22Page - Analog Devices AD6679 Datasheet HTML 23Page - Analog Devices AD6679 Datasheet HTML 24Page - Analog Devices AD6679 Datasheet HTML 25Page - Analog Devices AD6679 Datasheet HTML 26Page - Analog Devices AD6679 Datasheet HTML 27Page - Analog Devices AD6679 Datasheet HTML 28Page - Analog Devices AD6679 Datasheet HTML 29Page - Analog Devices AD6679 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 26 of 81
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 61.7dBFS
ENOB = 9.9 BITS
SFDR = 70dBFS
BUFFER CONTROL 1 = 8.0×
Figure 21. Single-Tone FFT with fIN = 1205.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 60.1dBFS
ENOB = 9.7 BITS
SFDR = 71dBFS
BUFFER CONTROL 1 = 8.0×
Figure 22. Single-Tone FFT with fIN = 1630.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 59.0dBFS
ENOB = 9.5 BITS
SFDR = 69dBFS
BUFFER CONTROL 1 = 8.0×
Figure 23. Single-Tone FFT with fIN = 1950.3 MHz
65
70
75
80
85
90
95
200
250
300
350
SAMPLE RATE (MHz)
400
450
500
SFDR
SNR
Figure 24. SNR/SFDR vs. Sample Rate (fS); fIN = 170.3 MHz;
60
65
70
75
80
85
90
95
50
100
150
200
250
300
350
400
450
500
ANALOG INPUT FREQUENCY (MHz)
SFDR, 2.0×
SNRFS, 2.0×
SFDR, 3.0×
SNRFS, 3.0×
SFDR, 4.0×
SNRFS, 4.0×
Figure 25. SNR/SFDR vs. Analog Input Frequency (fIN);
fIN < 500 MHz; Buffer Control 1 Setting = 2.0×, 3.0×, and 4.0×
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 88dBFS
IMD2 = 95dBFS
IMD3 = 88dBFS
BUFFER CONTROL 1 = 2.0×
Figure 26. Two-Tone FFT; fIN1 = 184 MHz, fIN2 = 187 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com